Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2308A-4WI Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6C2308A-4WI
Description  3.3V Zero-Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2308A-4WI Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6C2308A-4WI Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2308A-4WI Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2308A-4WI Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2308A-4WI Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2308A-4WI Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2308A-4WI Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2308A-4WI Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2308A-4WI Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C2308A-4WI Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PS8385B
08/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2308A
3.3V Zero Delay Buffer
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
e
d
o
C
g
n
i
r
e
d
r
Oe
m
a
N
e
g
a
k
c
a
Pe
p
y
T
e
g
a
k
c
a
Pe
g
n
a
R
g
n
it
a
r
e
p
O
W
1
-
A
8
0
3
2
C
6
I
P
6
1
WC
I
O
S
li
m
-
0
5
1
n
i
p
-
6
1
l
ai
c
r
e
m
m
o
C
W
H
1
-
A
8
0
3
2
C
6
I
P
W
2
-
A
8
0
3
2
C
6
I
P
W
3
-
A
8
0
3
2
C
6
I
P
W
4
-
A
8
0
3
2
C
6
I
P
W
6
-
A
8
0
3
2
C
6
I
P
L
1
-
A
8
0
3
2
C
6
I
P
6
1
LP
O
S
S
T
n
i
p
-
6
1
L
H
1
-
A
8
0
3
2
C
6
I
P
-
A
8
0
3
2
C
6
I
PL
2
A
8
0
3
2
C
6
I
PL
3
A
8
0
3
2
C
6
I
P4L
-
A
8
0
3
2
C
6
I
P6L
OrderingInformation(CommercialTemperatureDevice)
e
d
o
C
g
n
i
r
e
d
r
Oe
m
a
N
e
g
a
k
c
a
Pe
p
y
T
e
g
a
k
c
a
Pe
g
n
a
R
g
n
it
a
r
e
p
O
I
W
1
-
A
8
0
3
2
C
6
I
P
6
1
WC
I
O
S
li
m
-
0
5
1
n
i
p
-
6
1
l
ai
rt
s
u
d
n
I
I
W
H
1
-
A
8
0
3
2
C
6
I
P
I
W
2
-
A
8
0
3
2
C
6
I
P
I
W
3
-
A
8
0
3
2
C
6
I
P
I
W
4
-
A
8
0
3
2
C
6
I
P
I
W
6
-
A
8
0
3
2
C
6
I
P
I
L
1
-
A
8
0
3
2
C
6
I
P
6
1
LP
O
S
S
T
n
i
p
-
6
1
I
L
H
1
-
A
8
0
3
2
C
6
I
P
A
8
0
3
2
C
6
I
PI
L
2
-
-
A
8
0
3
2
C
6
I
PI
L
3
-
A
8
0
3
2
C
6
I
PI
L
4
-
A
8
0
3
2
C
6
I
PI
L
6I
OrderingInformation(IndustrialTemperatureDevice)


Similar Part No. - PI6C2308A-4WI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2308 PERICOM-PI6C2308 Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HL PERICOM-PI6C2308-1HL Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HLI PERICOM-PI6C2308-1HLI Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HW PERICOM-PI6C2308-1HW Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HWI PERICOM-PI6C2308-1HWI Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
More results

Similar Description - PI6C2308A-4WI

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com