Selected language     English  ā–¼


CS62LS4008FI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. CS62LS4008FI
Description  Low Power CMOS SRAM 512K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1
(1,2,4)
t
AA
t
OH
t
OH
t
RC
ADDRESS
D
OUT
READ CYCLE2
(1,3,4)
t
CE
t
CLZ
(5)
t
CHZ
(5)
CE
D
OUT
READ CYCLE3
(1,4)
t
AA
t
OH
t
RC
ADDRESS
t
CE
t
CLZ
(5)
t
CHZ
(5)
CE
D
OUT
OE
t
OHZ
(1,5)
t
OE
t
OLZ
NOTES:
1.
WE\ is high in read cycle.
2.
Device is continuously selected when CE\ = VIL
3.
Address valid prior to or coincident with CE\ transition low.
4.
OE\ = VIL.
5.
Transition is measured Ā±500mV from steady state with CL=5pF as shown in Figure 1B. The
parameter is guaranteed but not 100% tested.
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BS616LV4023Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4001Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4006Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV4025Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4005Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4007Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
UC62LS2008Low Power CMOS SRAM 256K X 8 Bits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BS616LV8011Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62UV4000Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV8010Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl