Selected language     English  ā–¼


CS62LS4008FI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. CS62LS4008FI
Description  Low Power CMOS SRAM 512K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 7 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
WRITE CYCLE2
(1,6)
t
WC
ADDRESS
t
DH
t
WHZ
WE
D
OUT
CE
t
CW
(11)
t
WP
(2)
t
AW
t
AS
D
IN
t
DW
t
OH
(8)
(7)
NOTES:
1.
WE\ must be high during address transitions.
2.
The internal write time of the memory is defined by the overlap of CE\ and WE\ low. All signals
must be active to initiate a write and any one can terminate a write by going inactive. The data
input setup and hold timing should be referenced to the second transition edge of the signal that
terminates the write.
3.
TWR is measured from the earlier of CE\ or WE\ going high at the end of write cycle.
4.
During this period, DQ pins are in the output state so that the input signals of opposite phase to
the outputs must not be applied.
5.
If the CE\ low transition occurs simultaneously with the WE\ low transitions or after the WE\
transition, output remain in a high impedance state.
6.
OE\ is continuously low (OE\ = VIL).
7.
DOUT is the same phase of write data of this write cycle.
8.
DOUT is the read data of next address.
9.
If CE\ is low during this period, DQ pins are in the output state. Then the data input signals of
opposite phase to the outputs must not be applied to them.
10. Transition is measured 500mV from steady state with CL = 5pF as shown in Figure 1B. The
parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE\ going low to the end of write.
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
7




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BS616LV4023Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4001Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4006Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV4025Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4005Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4007Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
UC62LS2008Low Power CMOS SRAM 256K X 8 Bits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BS616LV8011Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62UV4000Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV8010Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl