Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C104H Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C104H
Description  Spread Spectrum Clock Synthesizer for Desktop Pentium II
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C104H Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C104H Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C104H Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C104H Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C104H Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C104H Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C104H Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C104H Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C104H Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C104H Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
235
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8164B
03/15/99
PI6C104
Spread Spectrum Clock Synthesizer
for Desktop Pentium II
Pin Description
n
i
Pe
m
a
N
l
a
n
g
i
Se
p
y
T.
y
t
Qn
o
it
p
i
r
c
s
e
D
1N
I
_
L
A
T
XI
X1
t
u
p
n
i
l
a
t
s
y
r
c
z
H
M
8
1
3
.
4
1
2T
U
O
_
L
A
T
XO
X1
t
u
p
n
i
l
a
t
s
y
r
c
z
H
M
8
1
3
.
4
1
4
F
_
K
L
C
I
C
PO
1
.t
u
p
t
u
o
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
1
SU
P
+
I1
ti
b
t
c
el
e
S
y
c
n
e
u
q
e
r
F
e
si
w
r
e
h
t
o
t
u
p
t
u
o
F
_
K
L
C
I
C
P
,t
u
p
n
i
1
S
si
n
i
p
si
h
t
p
u
r
e
w
o
p
g
n
ir
u
D
0
1
,
8
,
7
,
6
,
5]
5
:
1
[
K
L
C
I
C
PO
5
.s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
1
1
6
K
L
C
I
C
PO
1
.s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
#
D
PU
P
+
I
n
e
h
w
d
el
b
a
si
d
e
r
a
s
k
c
o
l
c
U
P
C
d
n
a
I
C
P
.t
u
p
n
i
n
w
o
D
r
e
w
o
P
w
o
l
e
v
it
c
A
F
_
K
L
C
I
C
P
r
o
f
t
p
e
c
x
e
,
w
o
l
si
#
D
P
,t
u
p
n
i
#
D
P
:
0
=
E
D
O
M
.)
3
1
n
i
p
(
E
D
O
M
y
b
t
e
s
si
n
i
p
si
h
T
t
u
p
t
u
o
6
K
L
C
I
C
P
:
1
=
E
D
O
M
3
1
M
8
4O
1
t
u
p
t
u
o
z
H
M
8
4
E
D
O
MU
P
+
I
t
u
p
t
u
o
6
K
L
C
I
C
P
=
1
,t
u
p
n
i
#
D
P
=
0
,
1
1
n
i
p
f
o
n
o
it
i
n
if
e
d
e
h
t
s
e
n
i
m
r
e
t
e
d
E
D
O
M
p
u
r
e
w
o
p
r
e
tf
a
t
u
p
t
u
o
z
H
M
8
4
s
e
m
o
c
e
B
.
p
u
r
e
w
o
p
g
n
ir
u
d
d
el
p
m
a
s
,t
u
p
n
i
n
a
a
si
si
h
T
4
1
M
4
2O
1
t
u
p
t
u
o
z
H
M
4
2
F
E
RO
.t
u
p
t
u
o
e
c
n
e
r
e
f
e
R
d
e
r
e
ff
u
B
2
SU
P
+
I.
2
ti
b
t
c
el
e
S
y
c
n
e
u
q
e
r
F
:
st
c
el
e
s
e
d
o
m
)
7
2
n
i
p
(
4
1
P
.
e
si
w
r
e
h
t
o
t
u
p
t
u
o
,t
u
p
n
i
2
S
si
n
i
p
si
h
t
p
u
r
e
w
o
p
g
n
ir
u
D
z
H
M
4
2
=
1
,
F
E
R
=
0
6
10
SU
P
+
I1
0
ti
b
t
c
el
e
S
y
c
n
e
u
q
e
r
F
7
1K
L
C
SU
P
+
I1
I
r
o
f
k
c
o
l
C
l
ai
r
e
S
2
e
c
a
fr
e
t
n
i
C
8
1A
T
A
D
SU
P
+
O
I1
I
r
o
f
a
t
a
D
l
ai
r
e
S
2
e
c
a
fr
e
t
n
i
C
2
2
,
1
2]
1
:
0
[
K
L
C
U
P
CO
2
t
u
p
t
u
o
k
c
o
l
c
U
P
C
4
2C
I
P
AO
1
.t
u
p
t
u
o
l
a
t
s
y
r
C
d
e
r
e
ff
u
B
7
2
1
F
E
RO
1
.t
u
p
t
u
o
l
a
t
s
y
r
C
d
e
r
e
ff
u
B
4
1
P1
1
z
H
M
4
2
=
1
,
1
F
E
R
=
0
,t
c
el
e
s
e
d
o
m
4
1
n
i
P
.
e
si
w
r
e
h
t
o
t
u
p
t
u
o
1
F
E
R
,t
u
p
n
i
4
1
P
si
n
i
p
si
h
t
p
u
r
e
w
o
p
g
n
ir
u
D
6
2
,
0
2
,
2
1
,
9V D
D
4V
3
.
3
.
L
L
P
,
F
E
R
,
e
r
o
C
,I
C
P
r
o
f
y
l
p
p
u
s
r
e
w
o
P
5
2
,
3
2V 2
D
D
2V
5
.
2
.s
k
c
o
l
c
U
P
C
&
C
I
P
A
r
o
f
y
l
p
p
u
s
r
e
w
o
P
8
2
,
9
1
,
5
1
,
3V S
S
4s
d
n
u
o
r
G


Similar Part No. - PI6C104H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
More results

Similar Description - PI6C104H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
logo
Integrated Circuit Syst...
ICS650-44 ICST-ICS650-44 Datasheet
176Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com