Selected language     English  ▼


CS62LS4008HI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. CS62LS4008HI
Description  Low Power CMOS SRAM 512K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
DC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃)
Symbol
Comment
Test Condition
MIN.
TYP.
(1)
MAX.
UNITS
VIL
Guaranteed Input Low
Voltage
(2)
VCC=2.4V
-0.5
-
0.8
V
VIH
Guaranteed Input High
Voltage
(2)
VCC=3.6V
2.0
-
Vcc-0.2
V
IL
Input Leakage Current
VCC=3.6V VIN=0V to VCC
-
-
1
uA
IOL
Output Leakage Current
VCC=3.6V CE\=VIH or OE\=VIH
VIO=0V t VCC
-
-
1
uA
VOL
Output Low Voltage
VCC=3.6V, IOL=2mA
-
-
0.4
V
VOH
Output High Voltage
VCC=3.0V, IOH=-1mA
2.4
-
-
V
ICC
Operating Power Supply
Current
CE\=VIL,IDQ=0mA, F=Fmax
(3)
-
-
20
mA
ISB1
TTL Standby Current
CE\=VIH, VIN=VIH to VIL
-
-
1
mA
ISB2
CMOS Standby Current
CE\≧VCC-0.2V, VIN=VCC-0.2V
to 0.2V
-
2
10
uA
1. Typical characteristics are at TA = 25
oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/tRC .
DATA RETENTION CHARACTERISTICS ( TA=0℃ to 70℃)
Symbol
Comment
Test Condition
MIN.
TYP.
(1)
MAX.
UNITS
VDR
VCC to Data Retention
CE\≧VCC - 0.2V
VIN≧VCC-0.2V or VIN≦0.2V
1.2
-
-
V
ICCDR
Data Retention Current
CE\≧VCC - 0.2V
VIN≧VCC-0.2V or VIN≦0.2V
-
0.1
1
uA
tDR
Chip Deselect to Data
Retention Time
0
-
-
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
-
-
ns
1.
VCC = 1.5V, TA = 25℃.
2.
tRC = Read Cycle Time
LOW VCC DATA RETENTION WAVEFORM
(1) (CE\ Controlled)
Data Retention Mode
V
DR >= 1. 2V
t
CDR
t
R
VIH
VIH
CE >= V
CC - 0. 2V
Vcc
CE
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BS616LV4023Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4001Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4006Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV4025Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4005Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4007Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
UC62LS2008Low Power CMOS SRAM 256K X 8 Bits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BS616LV8011Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62UV4000Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV8010Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl