Selected language     English  ▼


CS62LS4008HI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. CS62LS4008HI
Description  Low Power CMOS SRAM 512K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 4 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
AC TEST CONDITIONS
Input Pulse Levels
Input Rise and Fall Times
Input and Output Timing Reference Level
VCC/0V
1V/ns
0.5VCC
AC TEST LOADS AND WAVEFORMS
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1A
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1B
667
TERMINAL EQUIVALENT
OUTPUT
1.73V
GND
V
CC
1V/ns
1V/ns
10%
90%
90%
10%
ALL INPUT PULSES
FIGURE 2
KEY TO SWITCHING WAVEFORMS
WAVEFORMS
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM H TO L
WILL BE
CHANGE
FROM H TO L
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
DON’T CARE
ANY CHANGE
PERMITTED
CHANGE
STATE
UNKNOWN
DOES NOT
APPLY
CENTER LINE
IS HIGH
IMPEDANCE
OFF STATE
AC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃, VCC=3.0V~3.6V)
READ CYCLE
UC62LS4008-20
UC62LS4008-25
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
Min
Typ
Max
Min
Typ
Max
UNIT
tAVAX
tRC
Read Cycle Time
20
-
-
25
-
-
ns
tAVQV
tAA
Address Access Time
-
-
20
-
-
25
ns
tELQV
tCE
Chip Select Access Time
-
-
20
-
-
25
ns
tGLQV
tOE
Output Enable to Output Valid
-
-
10
-
-
10
ns
tELQX
tCLZ
Chip Select to Output Low Z
5
-
-
5
-
-
ns
tGLQX
tOLZ
Output Enable to Output Low Z
3
-
-
3
-
-
ns
tEHQZ
tCHZ
Chip Deselect to Output in High Z
0
-
10
0
-
10
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
0
-
10
0
-
10
ns
tAXOX
tOH
Address Chang to Output Change
5
-
-
5
-
-
ns
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
4




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BS616LV4023Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4001Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4006Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV4025Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4005Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4007Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
UC62LS2008Low Power CMOS SRAM 256K X 8 Bits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BS616LV8011Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62UV4000Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV8010Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl