Selected language     English  ▼


CS62LS4008HI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. CS62LS4008HI
Description  Low Power CMOS SRAM 512K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 6 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
AC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃, VCC=3.0V~3.6V)
WRITE CYCLE
UC62LS4008-20
UC62LS4008-25
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
Min
Typ
Max
Min
Typ
Max
UNIT
tAVAX
tWC
Write Cycle Time
20
-
-
25
-
-
ns
tE1LWH
tCW
Chip Select to END of Write
15
-
-
15
-
-
ns
tAVWL
tAS
Address Setup Time
0
-
-
0
-
-
ns
tAVWH
tAW
Address valid to End of Write
15
-
-
15
-
-
ns
tWLWH
tWP
Write Pulse Width
15
-
-
15
-
-
ns
tWHAX
tWR
Write Recovery Time
0
-
-
0
-
-
ns
tWLOZ
tWHZ
Write to Output in High Z
-
-
8
-
-
10
ns
tDVWH
tDW
Data to Write Time Overlap
8
-
10
-
ns
tWHDX
tDH
Data Hold Time for Write End
0
-
-
0
-
-
ns
tGHOZ
tOHZ
Output Disable to Output In High Z
-
-
8
-
-
10
ns
tWHQX
tOW
End of Write to Output Active
5
-
-
5
-
-
ns
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITECYCLE1
(1)
t
WC
ADDRESS
t
DH
t
OHZ
WE
D
OUT
OE
CE
t
CW
(11)
t
WP
(2)
t
AW
t
AS
(4,10)
D
IN
t
DW
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
6




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BS616LV4023Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4001Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4006Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV4025Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4005Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4007Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
UC62LS2008Low Power CMOS SRAM 256K X 8 Bits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BS616LV8011Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62UV4000Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV8010Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl