Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101C74G Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN101C74G
Description  MN101C74F
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C74G Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN101C74G Datasheet HTML 1Page - Panasonic Semiconductor MN101C74G Datasheet HTML 2Page - Panasonic Semiconductor MN101C74G Datasheet HTML 3Page - Panasonic Semiconductor MN101C74G Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAD00048DEM
MN101C74F, MN101C74G
Type
MN101C74F
MN101C74G
MN101CF74G
Internal ROM type
Mask ROM
FLASH
ROM (byte)
96K
128K
RAM (byte)
6K
Package (Lead-free)
LQFP100-P-1414, MLGA100-L-1010, QFP100-P-1818B
Minimum Instruction
Execution Time
0.1 µs (at 3.0 V to 3.6 V, 10 MHz)
0.235 µs (at 1.8 V to 3.6 V, 4.25 MHz)*
62.5 µs (at 1.8 V to 3.6 V, 32 kHz)*
* The lower limit for operation guarantee for flash memory built-in type is 2.2 V.
Interrupts
RESET, Watchdog, External 0 to 5, External 6 (key interrupt dedicated), Timer 0 to 3, Timer 6, Timer 7 (2 systems), Timer 8 (2
systems), Time base, Serial 0 (2 systems), Serial 1 (2 systems), Serial 3, A/D conversion finish, Automatic transfer finish
Timer Counter
Timer counter 0 : 8-bit × 1
(square-wave/8-bit PWM output, event count, generation of remote control carrier, simple pulse width measurement,
added pluse (2-bit) system PWM output)
(square-wave/PWM output to large current terminal PC3 possible)
Clock source................ 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of
XI oscillation clock frequency; external clock input
Interrupt source ........... coincidence with compare register 0
Timer counter 1 : 8-bit × 1 (square-wave output, event count, synchronous output event)
Clock source................ 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation clock frequency; 1/1 of
XI oscillation clock frequency; external clock input; timer counter 8 output
Interrupt source ........... coincidence with compare register 1
Timer counter 0, 1 can be cascade-connected.
Timer counter 2 : 8-bit × 1
(square-wave output, added pluse (2-bit) system PWM output, PWM output, serial transfer clock output, event count,
synchronous output event, simple pulse width measurement)
(square-wave/PWM output to large current terminal PC5 possible)
Clock source................ 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of
XI oscillation clock frequency; external clock input
Interrupt source ........... coincidence with compare register 2
Timer counter 3 : 8-bit × 1
(square-wave output, event count, generation of remote control carrier, serial transfer clock)
Clock source................ 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation clock frequency; 1/1 of
XI oscillation clock frequency; external clock input
Interrupt source ........... coincidence with compare register 3
Timer counter 2, 3 can be cascade-connected.
Timer counter 6 : 8-bit freerun timer
Clock source................ 1/1 of system clock frequency; 1/1, 1/128, 1/8192 of OSC oscillation clock frequency; 1/1, 1/128, 1/8192
of XI oscillation clock frequency
Interrupt source ........... coincidence with compare register 6
Timer counter 7 : 16-bit × 1
(square-wave output, 16-bit PWM output (cycle / duty continuous variable), event count, synchronous output event,
pulse width measurement, input capture, real time output control, high performance IGBT output (Cycle/Duty can be
changed constantly))
(square-wave/PWM output to large current terminal PC4 possible)
Clock source................ 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1,
1/2, 1/4, 1/16 of external clock input frequency
Interrupt source ........... coincidence with compare register 7 (2 lines), input capture register


Similar Part No. - MN101C74G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C74 PANASONIC-MN101C74 Datasheet
343Kb / 3P
   MN101C74 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com