Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101C97A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN101C97A
Description  MN101C97A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C97A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN101C97A Datasheet HTML 1Page - Panasonic Semiconductor MN101C97A Datasheet HTML 2Page - Panasonic Semiconductor MN101C97A Datasheet HTML 3Page - Panasonic Semiconductor MN101C97A Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAD00058BEM
MN101C97A, MN101C97D
Timer counters 7, 8 can be cascade-connected.
(square-wave output, PWM input capture, pluse width measurement is possible as a 32-bit timer.)
Time base timer (one-minute count setting)
Clock source................ 1/1 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency
Interrupt source ........... 1/128, 1/256, 1/512, 1/1024, 1/4096, 1/8192, 1/16384, 1/32768, of clock source frequency
Watchdog timer
Interrupt source ........... 1/65536, 1/262144, 1/1048576 of system clock frequency
Serial interface
Serial 0 : synchronous type/UART (full-duplex) × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 1 or 2; 1/2, 1/4, 1/16, 1/64 of OSC
oscillation clock frequency, external clock
Serial 3 : synchronous type/single-master I²C × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 2 or 3; 1/2, 1/4, 1/16, 1/32 of OSC
oscillation clock frequency, external clock
I/O Pins
I/O
38
Common use , Specified pull-up resistor available, Input/output selectable (bit unit)
A/D converter
10-bit × 8-ch. (with S/H)
Special Ports
Buzzer output, remote control carrier signal output, high-current drive port
ROM Correction
Correcting address designation : up to 3 addresses possible
Electrical Charactreistics (Supply current)
Parameter
Symbol
Condition
Limit
Unit
min
typ
max
Operating supply current
IDD1
fosc = 4 MHz, VDD = 3 V
0.9
1.7
mA
IDD2
fx = 32 kHz, VDD = 3 V
4
24
µA
Supply current at HALT
IDD3
fx = 32 kHz , VDD = 3 V, Ta = 25°C
2.6
5
µA
IDD4
fx = 32 kHz , VDD = 3 V , Ta = –40°C to +85°C
20
µA
Supply current at STOP
IDD5
VDD = 3 V , Ta = 25°C
2
µA
IDD6
VDD = 3 V , Ta = –40°C to +85°C
15
µA
Development tools
In-circuit Emulator
PX-ICE101C/D+PX-PRB101C97-TQFP048-P-0707B-M
PX-ICE101C/D+PX-PRB101C97-QFP044-P-1010 (under planning)


Similar Part No. - MN101C97A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C97 PANASONIC-MN101C97 Datasheet
423Kb / 8P
   8-bit Single-chip Microcontroller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com