Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML65E33PL Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML65E33PL
Description  ML65 Series DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ML65E33PL Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML65E33PL Datasheet HTML 2Page - List of Unclassifed Manufacturers ML65E33PL Datasheet HTML 3Page - List of Unclassifed Manufacturers ML65E33PL Datasheet HTML 4Page - List of Unclassifed Manufacturers ML65E33PL Datasheet HTML 5Page - List of Unclassifed Manufacturers ML65E33PL Datasheet HTML 6Page - List of Unclassifed Manufacturers ML65E33PL Datasheet HTML 7Page - List of Unclassifed Manufacturers ML65E33PL Datasheet HTML 8Page - List of Unclassifed Manufacturers ML65E33PL Datasheet HTML 9Page - List of Unclassifed Manufacturers ML65E33PL Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
P9/10
Rev. B, July 2005
ML65
ML65A30
VOUT = 3.0V
VIN = 1.8V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
2.925 3.000 3.075
V
Input Voltage
VIN
8
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.7
V
Supply Current 1
IDD1
VIN = 2.85V
30
uA
Supply Current 2
IDD2
VIN = 3.05V
11
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=2.85V
250
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
150
KHz
Oscillator Duty Cycle
MAXDTY
80
87
92
%
Efficiency
EFF
85
%
Slow –Start Time
TSS
5
15
25
ms
ML65A33
VOUT = 3.3V VIN = 2.0V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
3.218 3.300 3.383
V
Input Voltage
VIN
8
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.7
V
Supply Current 1
IDD1
VIN = 3.135V
33
uA
Supply Current 2
IDD2
VIN = 3.35V
12
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=3.135V
260
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
150
KHz
Oscillator Duty Cycle
MAXDTY
80
87
92
%
Efficiency
EFF
85
%
Slow –Start Time
TSS
5
15
25
ms
ML65A50
VOUT = 5.0V
VIN = 3.0V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
4.875 5.000 5.125
V
Input Voltage
VIN
8
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.7
V
Supply Current 1
IDD1
VIN = 4.75V
70
uA
Supply Current 2
IDD2
VIN = 5.05V
26
uA
Lx Switching Current
ILX
VLX=0.4V, VIN= 4.75V
290
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
150
KHz
Oscillator Duty Cycle
MAXDTY
80
87
92
%
Efficiency
EFF
85
%
Slow –Start Time
TSS
5
15
25
ms
Electrical Characteristics


Similar Part No. - ML65E33PL

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML65 MINILOGIC-ML65 Datasheet
1Mb / 7P
   DC-DC Converter
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
ML6509CS MICRO-LINEAR-ML6509CS Datasheet
232Kb / 10P
   Active SCSI Terminator
ML6509CT MICRO-LINEAR-ML6509CT Datasheet
232Kb / 10P
   Active SCSI Terminator
ML6510 MICRO-LINEAR-ML6510 Datasheet
603Kb / 18P
   Series Programmable Adaptive Clock Manager (PACMan??
More results

Similar Description - ML65E33PL

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
   JHL03 Series DC-DC Converter
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
   JHL06 Series DC-DC Converter
ITX0503SA XPPOWER-ITX0503SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
logo
List of Unclassifed Man...
VBD20 ETC1-VBD20 Datasheet
134Kb / 2P
   VBD20 Series DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com