Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101E29G Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN101E29G
Description  MN101E29G
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101E29G Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN101E29G Datasheet HTML 1Page - Panasonic Semiconductor MN101E29G Datasheet HTML 2Page - Panasonic Semiconductor MN101E29G Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAD00062AEM
MN101E29G
Type
MN101E29G
MN101EF29G
Internal ROM type
Mask ROM
FLASH
ROM (byte)
128K
RAM (byte)
6K
Package (Lead-free)
QFP100-P-1818B (Under development)
Minimum Instruction
Execution Time
50 ns (at 2.2 V to 5.5 V, 20 MHz)
* at internal 2 , 3 , 4 , 5 , 6 , 8 , 10 times oscillation used
50 ns (at 2.2 V to 5.5 V, 20 MHz)
Interrupts
6 external interrupts, 28 internal interrupts
RESET, Watchdog, External 0 to 4, Timer 0 to 4, Timer 6, Timer 7 (2 systems), Timer 8 (2 systems), Timer 9 (2 systems), Time
base, Serial 0 (2 systems), Serial1 (2 systems), Serial 2 (2 systems), Serial 3 (2 systems), Serial 4, Serial 5, A/ D conversion finish,
Automatic transfer (2 systems), Key interrupts
Timer Counter
Timer counter 0 : 8-bit × 1
(timer pulse output, event count, added pulse (2-bit) system PWM output, generation of remote control carrier, simple
pulse measurement, real time output control)
Timer counter 1 : 8-bit × 1
(timer pulse output, event count, 16-bit cascade connected (timer 0, 1) timer synchronous output event)
Timer counter 2 : 8-bit × 1
(timer pulse output, event count, added pulse (2-bit) system PWM output, simple pulse measurement, 24-bit cascade
connected (timer 0, 1, 2), timer synchronous output event, real timer output control)
Timer counter 3 : 8-bit × 1
(timer pulse output, event count, generation of remote control carrier, 16-bit cascade connected (timer 2, 3), 32-bit
cascade connected (timer 0, 1, 2, 3))
Timer counter 4 : 8-bit × 1
(timer pulse output, added pulse (2-bit) system PWM output, event count, serial transfer clock, simple pulse measurement)
Timer counter 6 : 8-bit free run timer, time base timer
Timer counter 7 : 16-bit × 1
(timer pulse output, event count, High accuracy PWM, High performance IGBT output (cycle/duty continuous variable) timer
synchronous output event, input capture (Both edge available), real timer output control), double buffer compare register
Timer counter 8 : 16-bit × 1
(timer pulse output, event count, High accuracy PWM output (cycle/duty continuous variable) pulse width measurement,
input capture (Both edge available), 32-bit cascade connected (Timer 7 , 8), 32-bitPWM output, synchronous output
event), double buffer compare register
Timer counter 9 : 16-bit × 1
(timer pulse output, event count, High accuracy PWM output (cycle/duty continuous variable), pulse width
measurement, input capture (Both edge available), real timer output control), double buffer compare register
Timer counter A : 8-bit × 1 (event count, Serial transfer clock timer, clock for function (timer, serial, LCD))
Watchdog timer
Serial interface
Serial 0 ~ 3 : UART (full duplex) / synchronous × 1
Serial 4 : multi master I²C / synchronous × 1
Serial 5 : I²C slave × 1
DMA controller
2 systems (External request/internal event request/software request maximum transfer cycles are 255)
I/O Pins
I/O
90
common use, Specified pull-up/pull-down resistor available, Input/output selectable (bit-unit)


Similar Part No. - MN101E29G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101E29G PANASONIC-MN101E29G Datasheet
338Kb / 3P
   Buzzer output. Inverted buzzer output. Remote control carrier output. High-current drive port
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com