Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD25EC8AKFA-5 Datasheet(PDF) 10 Page - Elpida Memory

Part # EBD25EC8AKFA-5
Description  256MB Unbuffered DDR SDRAM DIMM (32M words X72 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD25EC8AKFA-5 Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBD25EC8AKFA-5 Datasheet HTML 6Page - Elpida Memory EBD25EC8AKFA-5 Datasheet HTML 7Page - Elpida Memory EBD25EC8AKFA-5 Datasheet HTML 8Page - Elpida Memory EBD25EC8AKFA-5 Datasheet HTML 9Page - Elpida Memory EBD25EC8AKFA-5 Datasheet HTML 10Page - Elpida Memory EBD25EC8AKFA-5 Datasheet HTML 11Page - Elpida Memory EBD25EC8AKFA-5 Datasheet HTML 12Page - Elpida Memory EBD25EC8AKFA-5 Datasheet HTML 13Page - Elpida Memory EBD25EC8AKFA-5 Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EBD25EC8AKFA-5
Preliminary Data Sheet E0354E30 (Ver. 3.0)
10
Electrical Specifications
• All voltages are referenced to VSS (GND).
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to +3.6
V
Supply voltage relative to VSS
VDD
–0.5 to +3.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
9
W
Operating ambient temperature
TA
0 to +70
°C
1
Storage temperature
Tstg
–55 to +125
°C
Notes: 1. DDR SDRAM component specification.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = 0 to +70°C) (DDR SDRAM Component Specification)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
VDD,VDDQ
2.5
2.6
2.7
V
1
VSS
0
0
0
V
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
Termination voltage
VTT
VREF – 0.04
VREF
VREF + 0.04
V
Input high voltage
VIH (DC)
VREF + 0.15
VDDQ + 0.3
V
2
Input low voltage
VIL (DC)
–0.3
VREF – 0.15
V
3
Input voltage level,
CK and /CK inputs
VIN (DC)
–0.3
VDDQ + 0.3
V
4
Input differential cross point
voltage, CK and /CK inputs
VIX (DC)
0.5
× VDDQ − 0.2V 0.5 × VDDQ
0.5
× VDDQ + 0.2V V
Input differential voltage,
CK and /CK inputs
VID (DC)
0.36
VDDQ + 0.6
V
5, 6
Notes: 1. VDDQ must be lower than or equal to VDD.
2. VIH is allowed to exceed VDD up to 3.6V for the period shorter than or equal to 5ns.
3. VIL is allowed to outreach below VSS down to –1.0V for the period shorter than or equal to 5ns.
4. VIN (DC) specifies the allowable DC execution of each differential input.
5. VID (DC) specifies the input differential voltage required for switching.
6. VIH (CK) min assumed over VREF + 0.18V, VIL (CK) max assumed under VREF – 0.18V
if measurement.


Similar Part No. - EBD25EC8AKFA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25EC8AAFA ELPIDA-EBD25EC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-7B ELPIDA-EBD25EC8AAFA-7B Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AJFA ELPIDA-EBD25EC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AJFA-6B ELPIDA-EBD25EC8AJFA-6B Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
More results

Similar Description - EBD25EC8AKFA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25UC8AKFA-5-E ELPIDA-EBD25UC8AKFA-5-E Datasheet
189Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25UC8AKFA-5 ELPIDA-EBD25UC8AKFA-5 Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD10RD4ADFA ELPIDA-EBD10RD4ADFA Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-E ELPIDA-EBD10RD4ADFA-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD26UC6AKSA ELPIDA-EBD26UC6AKSA Datasheet
204Kb / 19P
   256MB DDR SDRAM SO DIMM (32M words x 64 bits, 2 Banks)
EBD26UC6AKSA-E ELPIDA-EBD26UC6AKSA-E Datasheet
213Kb / 19P
   256MB DDR SDRAM SO-DIMM (32M words x 64 bits, 2 Ranks)
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com