Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD21RD4ADNA-7A-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EBD21RD4ADNA-7A-E
Description  2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD21RD4ADNA-7A-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBD21RD4ADNA-7A-E Datasheet HTML 3Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 4Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 5Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 6Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 7Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 8Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 9Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 10Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
EBD21RD4ADNA-E
Data Sheet E0606E10 (Ver. 1.0)
7
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
63
Checksum for bytes 0 to 62
-6B
1
1
0
1
0
1
0
0
D4H
212
-7A
1
0
0
0
1
0
1
1
8BH
139
-7B
1
0
1
1
0
1
1
0
B6H
182
64
Manufacturer’s JEDEC ID code
0
1
1
1
1
1
1
1
7FH
65
Manufacturer’s JEDEC ID code
0
1
1
1
1
1
1
1
7FH
66
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
67 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
×
×
×
×
×
×
×
×
××
*
2 (ASCII-8bit
code)
73
Module part number
0
1
0
0
0
1
0
1
45H
E
74
Module part number
0
1
0
0
0
0
1
0
42H
B
75
Module part number
0
1
0
0
0
1
0
0
44H
D
76
Module part number
0
0
1
1
0
0
1
0
32H
2
77
Module part number
0
0
1
1
0
0
0
1
31H
1
78
Module part number
0
1
0
1
0
0
1
0
52H
R
79
Module part number
0
1
0
0
0
1
0
0
44H
D
80
Module part number
0
0
1
1
0
1
0
0
34H
4
81
Module part number
0
1
0
0
0
0
0
1
41H
A
82
Module part number
0
1
0
0
0
1
0
0
44H
D
83
Module part number
0
1
0
0
1
1
1
0
4EH
N
84
Module part number
0
1
0
0
0
0
0
1
41H
A
85
Module part number
0
0
1
0
1
1
0
1
2DH
86
Module part number
-6B
0
0
1
1
0
1
1
0
36H
6
-7A, -7B
0
0
1
1
0
1
1
1
37H
7
87
Module part number
-7A
0
1
0
0
0
0
0
1
41H
A
-6B, -7B
0
1
0
0
0
0
1
0
42H
B
88
Module part number
0
0
1
0
1
1
0
1
2DH
89
Module part number
0
1
0
0
0
1
0
1
45H
E
90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code
(HEX)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(HEX)
95 to 98
Module serial number
*
2
99 to 127 Manufacturer specific data
Notes: 1. All serial PD data are not protected. 0: Serial data, “driven Low”, 1: Serial data, “driven High“.
2. Bytes 95 through 98 are assembly serial number.
3. These specifications are defined based on component specification, not module.


Similar Part No. - EBD21RD4ADNA-7A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ADNA-7A ELPIDA-EBD21RD4ADNA-7A Datasheet
176Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
More results

Similar Description - EBD21RD4ADNA-7A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ADNA ELPIDA-EBD21RD4ADNA Datasheet
176Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBE21RD4AGFA ELPIDA-EBE21RD4AGFA Datasheet
185Kb / 23P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4ABHA ELPIDA-EBE21RD4ABHA Datasheet
173Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4AEFA ELPIDA-EBE21RD4AEFA Datasheet
193Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD10RD4ADFA ELPIDA-EBD10RD4ADFA Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-E ELPIDA-EBD10RD4ADFA-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBE20RE4AAFA ELPIDA-EBE20RE4AAFA Datasheet
191Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 1 Rank)
EBD11UD8ADDA-E ELPIDA-EBD11UD8ADDA-E Datasheet
216Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com