Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD21RD4ADNA-7A-E Datasheet(PDF) 4 Page - Elpida Memory

Part # EBD21RD4ADNA-7A-E
Description  2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD21RD4ADNA-7A-E Datasheet(HTML) 4 Page - Elpida Memory

  EBD21RD4ADNA-7A-E Datasheet HTML 1Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 2Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 3Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 4Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 5Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 6Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 7Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 8Page - Elpida Memory EBD21RD4ADNA-7A-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EBD21RD4ADNA-E
Data Sheet E0606E10 (Ver. 1.0)
4
Pin Description
Pin name
Function
A0 to A12
Address input
Row address
A0 to A12
Column address
A0 to A9, A11, A12
BA0, BA1
Bank select address
DQ0 to DQ63
Data input/output
CB0 to CB7
Check bit (Data input/output)
/RAS
Row address strobe command
/CAS
Column address strobe command
/WE
Write enable
/CS0, /CS1
Chip select
CKE0, CKE1
Clock enable
CK0
Clock input
/CK0
Differential clock input
DQS0 to DQS8
Input and output data strobe
DM0 to DM8/DQS9 to DQS17
Input and output data strobe
SCL
Clock input for serial PD
SDA
Data input/output for serial PD
SA0 to SA2
Serial address input
VDD
Power for internal circuit
VDDSPD
Power for serial EEPROM
VREF
Input reference voltage
VSS
Ground
VDDID
VDD identification flag
/RESET
Reset pin (forces register inputs low)
NC
No connection


Similar Part No. - EBD21RD4ADNA-7A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ADNA-7A ELPIDA-EBD21RD4ADNA-7A Datasheet
176Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
More results

Similar Description - EBD21RD4ADNA-7A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ADNA ELPIDA-EBD21RD4ADNA Datasheet
176Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBE21RD4AGFA ELPIDA-EBE21RD4AGFA Datasheet
185Kb / 23P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4ABHA ELPIDA-EBE21RD4ABHA Datasheet
173Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4AEFA ELPIDA-EBE21RD4AEFA Datasheet
193Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD10RD4ADFA ELPIDA-EBD10RD4ADFA Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-E ELPIDA-EBD10RD4ADFA-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBE20RE4AAFA ELPIDA-EBE20RE4AAFA Datasheet
191Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 1 Rank)
EBD11UD8ADDA-E ELPIDA-EBD11UD8ADDA-E Datasheet
216Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com