Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD21RD4ADNA-7B Datasheet(PDF) 6 Page - Elpida Memory

Part # EBD21RD4ADNA-7B
Description  2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD21RD4ADNA-7B Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBD21RD4ADNA-7B Datasheet HTML 2Page - Elpida Memory EBD21RD4ADNA-7B Datasheet HTML 3Page - Elpida Memory EBD21RD4ADNA-7B Datasheet HTML 4Page - Elpida Memory EBD21RD4ADNA-7B Datasheet HTML 5Page - Elpida Memory EBD21RD4ADNA-7B Datasheet HTML 6Page - Elpida Memory EBD21RD4ADNA-7B Datasheet HTML 7Page - Elpida Memory EBD21RD4ADNA-7B Datasheet HTML 8Page - Elpida Memory EBD21RD4ADNA-7B Datasheet HTML 9Page - Elpida Memory EBD21RD4ADNA-7B Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
EBD21RD4ADNA
Preliminary Data Sheet E0433E10 (Ver. 1.0)
6
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
27
Minimum row precharge time (tRP)
-6B
0
1
0
0
1
0
0
0
48H
18ns
-7A, -7B
0
1
0
1
0
0
0
0
50H
20ns
28
Minimum row active to row active
delay (tRRD)
-6B
0
0
1
1
0
0
0
0
30H
12ns
-7A, -7B
0
0
1
1
1
1
0
0
3CH
15ns
29
Minimum /RAS to /CAS delay (tRCD)
-6B
0
1
0
0
1
0
0
0
48H
18ns
-7A, -7B
0
1
0
1
0
0
0
0
50H
20ns
30
Minimum active to precharge time
(tRAS)
-6B
0
0
1
0
1
0
1
0
2AH
42ns
-7A, -7B
0
0
1
0
1
1
0
1
2DH
45ns
31
Module rank density
0
0
0
0
0
0
0
1
01H
2 banks
1GB
32
Address and command setup time
before clock (tIS)
-6B
0
1
1
1
0
1
0
1
75H
0.75ns*
3
-7A, -7B
1
0
0
1
0
0
0
0
90H
0.9ns*
3
33
Address and command hold time after
clock (tIH)
-6B
0
1
1
1
0
1
0
1
75H
0.75ns*
3
-7A, -7B
1
0
0
1
0
0
0
0
90H
0.9ns*
3
34
Data input setup time before clock
(tDS)
-6B
0
1
0
0
0
1
0
1
45H
0.45ns*
3
-7A, -7B
0
1
0
1
0
0
0
0
50H
0.5ns*
3
35
Data input hold time after clock (tDH)
-6B
0
1
0
0
0
1
0
1
45H
0.45ns*
3
-7A, -7B
0
1
0
1
0
0
0
0
50H
0.5ns*
3
36 to 40
Superset information
0
0
0
0
0
0
0
0
00H
Future use
41
Active command period (tRC)
-6B
0
0
1
1
1
1
0
0
3CH
60ns*
3
-7A, -7B
0
1
0
0
0
0
0
1
41H
65ns*
3
42
Auto refresh to active/
Auto refresh command cycle (tRFC)
-6B
0
1
0
0
1
0
0
0
48H
72ns*
3
-7A, -7B
0
1
0
0
1
0
1
1
4BH
75ns*
3
43
SDRAM tCK cycle max. (tCK max.)
0
0
1
1
0
0
0
0
30H
12ns*
3
44
Dout to DQS skew
-6B
0
0
1
0
1
1
0
1
2DH
450ps*
3
-7A, -7B
0
0
1
1
0
0
1
0
32H
500ps*
3
45
Data hold skew (tQHS)
-6B
0
1
0
1
0
1
0
1
55H
550ps*
3
-7A, -7B
0
1
1
1
0
1
0
1
75H
750ps*
3
46 to 61
Superset information
0
0
0
0
0
0
0
0
00H
Future use
62
SPD revision
0
0
0
0
0
0
0
0
00H
Initial


Similar Part No. - EBD21RD4ADNA-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ADNA-7B-E ELPIDA-EBD21RD4ADNA-7B-E Datasheet
201Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
More results

Similar Description - EBD21RD4ADNA-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ADNA-E ELPIDA-EBD21RD4ADNA-E Datasheet
201Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBE21RD4AGFA ELPIDA-EBE21RD4AGFA Datasheet
185Kb / 23P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4ABHA ELPIDA-EBE21RD4ABHA Datasheet
173Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4AEFA ELPIDA-EBE21RD4AEFA Datasheet
193Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD10RD4ADFA ELPIDA-EBD10RD4ADFA Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-E ELPIDA-EBD10RD4ADFA-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBE20RE4AAFA ELPIDA-EBE20RE4AAFA Datasheet
191Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 1 Rank)
EBD11UD8ADDA-E ELPIDA-EBD11UD8ADDA-E Datasheet
216Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com