Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H161 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H161
Description  Binary to 1-8 Decoder(Low)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H161 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H161 Datasheet HTML 1Page - ON Semiconductor MC10H161 Datasheet HTML 2Page - ON Semiconductor MC10H161 Datasheet HTML 3Page - ON Semiconductor MC10H161 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–249
REV 5
© Motorola, Inc. 1996
3/93
Binary to 1-8 Decoder (Low)
The MC10H161 provides parallel decoding of a three bit binary word to one
of eight lines. The MC10H161 is useful in high–speed multiplexer/demultiplexer
applications.
The MC10H161 is designed to decode a three bit input word to one of eight
output lines. The MC10H161 output will be low when selected while all other
output are high. The enable inputs, when either or both are high, force all
outputs high.
The MC10H161 is a true parallel decoder. This eliminates unequal parallel
path delay times found in other decoder designs. These devices are ideally
suited for multiplexer/demultiplexer applications.
• Propagation Delay, 1.0 ns Typical
• Power Dissipation, 315 mW Typical (same as MECL 10K)
• Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
• Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
84
76
84
mA
Input Current High
IinH
465
275
275
µA
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
Data
Enable
tpd
0.6
0.8
2.0
2.3
0.65
0.8
2.1
2.4
0.7
0.9
2.2
2.5
ns
Rise Time
tr
0.55
1.7
0.65
1.8
0.7
1.9
ns
Fall Time
tf
0.55
1.7
0.65
1.8
0.7
1.9
ns
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit
board and transverse air flow greater than 500 Iinear fpm is maintained. Outputs are terminated through
a 50–ohm resistor to –2.0 volts.
MC10H161
LOGIC DIAGRAM
DIP
PIN ASSIGNMENT
VCC1
E0
Q3
Q2
Q1
Q0
A
VEE
VCC2
E1
C
Q4
Q5
Q6
Q7
B
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
E02
E115
A7
B9
C14
6Q0
5Q1
4Q2
3Q3
13 Q4
12 Q5
11 Q6
10 Q7
H
H
H
H
L
H
H
H
H
H
L
L
L
L
L
L
L
L
X
H
TRUTH TABLE
ENABLE
INPUTS
INPUTS
OUTPUTS
L
L
L
L
L
L
L
L
H
X
L
L
L
L
H
H
H
H
X
X
L
L
H
H
L
L
H
H
X
X
L
H
L
H
L
H
L
H
X
X
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
Q4
E0
E1
C
B
A Q0 Q1 Q2 Q3
Q5 Q6 Q7
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


Similar Part No. - MC10H161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H161 ONSEMI-MC10H161 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H161FN ONSEMI-MC10H161FN Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10H161FN ONSEMI-MC10H161FN Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H161FNG ONSEMI-MC10H161FNG Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H161FNR2 ONSEMI-MC10H161FNR2 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
More results

Similar Description - MC10H161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10H161 ONSEMI-MC10H161_00 Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H162 ONSEMI-MC10H162 Datasheet
114Kb / 4P
   Binary to 1-8 Decoder(High)
REV 5
MC10162 ONSEMI-MC10162 Datasheet
91Kb / 4P
   Binary to 1-8 Decoder (High)
January, 2002 ??Rev. 7
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
MC10H162 ONSEMI-MC10H162_06 Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com