Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE11UD8AEFA Datasheet(PDF) 11 Page - Elpida Memory

Part # EBE11UD8AEFA
Description  1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11UD8AEFA Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBE11UD8AEFA Datasheet HTML 7Page - Elpida Memory EBE11UD8AEFA Datasheet HTML 8Page - Elpida Memory EBE11UD8AEFA Datasheet HTML 9Page - Elpida Memory EBE11UD8AEFA Datasheet HTML 10Page - Elpida Memory EBE11UD8AEFA Datasheet HTML 11Page - Elpida Memory EBE11UD8AEFA Datasheet HTML 12Page - Elpida Memory EBE11UD8AEFA Datasheet HTML 13Page - Elpida Memory EBE11UD8AEFA Datasheet HTML 14Page - Elpida Memory EBE11UD8AEFA Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
EBE11UD8AEFA
Data Sheet E0586E30 (Ver. 3.0)
11
DC Characteristics 1 (TC = 0°C to +85°C, VDD = 1.8V ± 0.1V, VSS = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Operating current
(ACT-PRE)
(Another rank is in IDD2P)
IDD0
-5C
-4A
960
824
mA
Operating current
(ACT-PRE)
(Another rank is in IDD3N)
IDD0
-5C
-4A
1400
1240
mA
one bank; tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(ACT-READ-PRE)
(Another rank is in IDD2P)
IDD1
-5C
-4A
1080
944
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD3N)
IDD1
-5C
-4A
1520
1360
mA
one bank; IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD); tRCD = tRCD (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
-5C
-4A
160
Precharge power-down
standby current
IDD2P
-5C
-4A
128
mA
all banks idle;
tCK = tCK (IDD);
CKE is L;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
-5C
400
Precharge quiet standby
current
IDD2Q
-4A
320
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
-5C
480
Idle standby current
IDD2N
-4A
400
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
-5C
640
IDD3P-F
-4A
560
mA
Fast PDN Exit
MRS(12) = 0
-5C
400
Active power-down
standby current
IDD3P-S
-4A
320
mA
all banks open;
tCK = tCK (IDD);
CKE is L;
Other control and address bus
inputs are STABLE;
Data bus inputs are FLOATING
Slow PDN Exit
MRS(12) = 1
-5C
1040
Active standby current
IDD3N
-4A
960
mA
all banks open;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(Burst read operating)
(Another rank is in IDD2P)
IDD4R
-5C
-4A
1600
1264
mA
Operating current
(Burst read operating)
(Another rank is in IDD3N)
IDD4R
-5C
-4A
2040
1680
mA
all banks open, continuous burst reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
Operating current
(Burst write operating)
(Another rank is in IDD2P)
IDD4W
-5C
-4A
1600
1264
mA
Operating current
(Burst write operating)
(Another rank is in IDD3N)
IDD4W
-5C
-4A
2040
1680
mA
all banks open, continuous burst writes;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Auto-refresh current
(Another rank is in IDD2P)
IDD5
-5C
-4A
2080
1904
mA
Auto-refresh current
(Another rank is in IDD3N)
IDD5
-5C
-4A
2520
2320
mA
tCK = tCK (IDD);
Refresh command at every tRFC (IDD) interval;
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING


Similar Part No. - EBE11UD8AEFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8AEFA-6 ELPIDA-EBE11UD8AEFA-6 Datasheet
197Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AEFA-6E-E ELPIDA-EBE11UD8AEFA-6E-E Datasheet
197Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
More results

Similar Description - EBE11UD8AEFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8ABFA ELPIDA-EBE11UD8ABFA Datasheet
173Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AEFA-6 ELPIDA-EBE11UD8AEFA-6 Datasheet
197Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGFA ELPIDA-EBE11UD8AGFA Datasheet
207Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8ABFA ELPIDA-EBE11ED8ABFA Datasheet
175Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AGFA ELPIDA-EBE11ED8AGFA Datasheet
208Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11UD8AESA ELPIDA-EBE11UD8AESA Datasheet
214Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGSA ELPIDA-EBE11UD8AGSA Datasheet
212Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com