Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE20RE4AAFA Datasheet(PDF) 5 Page - Elpida Memory

Part # EBE20RE4AAFA
Description  2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 1 Rank)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE20RE4AAFA Datasheet(HTML) 5 Page - Elpida Memory

  EBE20RE4AAFA Datasheet HTML 1Page - Elpida Memory EBE20RE4AAFA Datasheet HTML 2Page - Elpida Memory EBE20RE4AAFA Datasheet HTML 3Page - Elpida Memory EBE20RE4AAFA Datasheet HTML 4Page - Elpida Memory EBE20RE4AAFA Datasheet HTML 5Page - Elpida Memory EBE20RE4AAFA Datasheet HTML 6Page - Elpida Memory EBE20RE4AAFA Datasheet HTML 7Page - Elpida Memory EBE20RE4AAFA Datasheet HTML 8Page - Elpida Memory EBE20RE4AAFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
EBE20RE4AAFA
Data Sheet E0440E30 (Ver. 3.0)
5
Serial PD Matrix*
1
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128 bytes
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 bytes
2
Memory type
0
0
0
0
1
0
0
0
08H
DDR2 SDRAM
3
Number of row address
0
0
0
0
1
1
1
0
0EH
14
4
Number of column address
0
0
0
0
1
0
1
1
0BH
11
5
Number of DIMM ranks
0
1
1
0
0
0
0
0
60H
1
6
Module data width
0
1
0
0
1
0
0
0
48H
72
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0
8
Voltage interface level of this assembly 0
0
0
0
0
1
0
1
05H
SSTL 1.8V
9
DDR SDRAM cycle time, CL = 5
-5C
0
0
1
1
1
1
0
1
3DH
3.75ns*
1
-4A
0
1
0
1
0
0
0
0
50H
5.0ns*
1
10
SDRAM access from clock (tAC)
-5C
0
1
0
1
0
0
0
0
50H
0.5ns*
1
-4A
0
1
1
0
0
0
0
0
60H
0.6ns*
1
11
DIMM configuration type
0
0
0
0
0
0
1
0
02H
ECC
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.8
µs
13
Primary SDRAM width
0
0
0
0
0
1
0
0
04H
× 4
14
Error checking SDRAM width
0
0
0
0
0
1
0
0
04H
× 4
15
Reserved
0
0
0
0
0
0
0
0
00H
0
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
0
0
0CH
4,8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
1
0
0
0
08H
8
18
SDRAM device attributes:
/CAS latency
0
0
1
1
1
0
0
0
38H
3, 4, 5
19
Reserved
0
0
0
0
0
0
0
0
00H
0
20
DIMM type information
0
0
0
0
0
0
0
1
01H
Registered
21
SDRAM module attributes
0
0
0
0
0
0
0
0
00H
Normal
22
SDRAM device attributes: General
0
0
1
1
0
0
0
0
30H
VDD ± 0.1V
23
Minimum clock cycle time at CL = 4
-5C
0
0
1
1
1
1
0
1
3DH
3.75ns*
1
-4A
0
1
0
1
0
0
0
0
50H
5.0ns*
1
24
Maximum data access time (tAC) from
clock at CL = 4
-5C
0
1
0
1
0
0
0
0
50H
0.5ns*
1
-4A
0
1
1
0
0
0
0
0
60H
0.6ns*
1
25
Minimum clock cycle time at CL = 3
0
1
0
1
0
0
0
0
50H
5.0ns*
1
26
Maximum data access time (tAC) from
clock at CL = 3
0
1
1
0
0
0
0
0
60H
0.6ns*
1


Similar Part No. - EBE20RE4AAFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE20RE4ABFA ELPIDA-EBE20RE4ABFA Datasheet
252Kb / 29P
   2GB Registered DDR2 SDRAM DIMM
EBE20RE4ABFA-4A-E ELPIDA-EBE20RE4ABFA-4A-E Datasheet
252Kb / 29P
   2GB Registered DDR2 SDRAM DIMM
EBE20RE4ABFA-5C-E ELPIDA-EBE20RE4ABFA-5C-E Datasheet
252Kb / 29P
   2GB Registered DDR2 SDRAM DIMM
EBE20RE4ABFA-6E-E ELPIDA-EBE20RE4ABFA-6E-E Datasheet
252Kb / 29P
   2GB Registered DDR2 SDRAM DIMM
EBE20RE4ACFA ELPIDA-EBE20RE4ACFA Datasheet
252Kb / 29P
   2GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE20RE4AAFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21RD4AGFA ELPIDA-EBE21RD4AGFA Datasheet
185Kb / 23P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4ABHA ELPIDA-EBE21RD4ABHA Datasheet
173Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4AEFA ELPIDA-EBE21RD4AEFA Datasheet
193Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE10RD4AGFA ELPIDA-EBE10RD4AGFA Datasheet
196Kb / 23P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE10RD4ABFA ELPIDA-EBE10RD4ABFA Datasheet
172Kb / 22P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBE10RD4AEFA ELPIDA-EBE10RD4AEFA Datasheet
190Kb / 22P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com