Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD1216AATA-5C-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EDD1216AATA-5C-E
Description  128M bits DDR SDRAM (8M words x 16 bits, DDR400)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD1216AATA-5C-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDD1216AATA-5C-E Datasheet HTML 3Page - Elpida Memory EDD1216AATA-5C-E Datasheet HTML 4Page - Elpida Memory EDD1216AATA-5C-E Datasheet HTML 5Page - Elpida Memory EDD1216AATA-5C-E Datasheet HTML 6Page - Elpida Memory EDD1216AATA-5C-E Datasheet HTML 7Page - Elpida Memory EDD1216AATA-5C-E Datasheet HTML 8Page - Elpida Memory EDD1216AATA-5C-E Datasheet HTML 9Page - Elpida Memory EDD1216AATA-5C-E Datasheet HTML 10Page - Elpida Memory EDD1216AATA-5C-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
EDD1216AATA-5
Data Sheet E0443E40 (Ver. 4.0)
7
-5B
-5C
Parameter
Symbol
min.
max.
min.
max.
Unit
Notes
Mode register set command cycle time
tMRD
2
2
tCK
Active to Precharge command period
tRAS
40
120000
40
120000
ns
Active to Active/Auto refresh command
period
tRC
55
60
ns
Auto refresh to Active/Auto refresh
command period
tRFC
70
70
ns
Active to Read/Write delay
tRCD
15
18
ns
Precharge to active command period
tRP
15
18
ns
Active to Autoprecharge delay
tRAP
tRCD min.
tRCD min.
ns
Active to active command period
tRRD
10
10
ns
Write recovery time
tWR
15
15
ns
Auto precharge write recovery and
precharge time
tDAL
(tWR/tCK)+
(tRP/tCK)
(tWR/tCK)+
(tRP/tCK)
tCK
13
Internal write to Read command delay
tWTR
2
2
tCK
Average periodic refresh interval
tREF
15.6
15.6
µs
Notes: 1. On all AC measurements, we assume the test conditions shown in the next page. For timing parameter
definitions, see ‘Timing Waveforms’ section.
2. This parameter defines the signal transition delay from the cross point of CK and /CK. The signal
transition is defined to occur when the signal level crossing VTT.
3. The timing reference level is VTT.
4. Output valid window is defined to be the period between two successive transition of data out or DQS
(read) signals. The signal transition is defined to occur when the signal level crossing VTT.
5. tHZ is defined as DOUT transition delay from Low-Z to High-Z at the end of read burst operation. The
timing reference is cross point of CK and /CK. This parameter is not referred to a specific DOUT voltage
level, but specify when the device output stops driving.
6. tLZ is defined as DOUT transition delay from High-Z to Low-Z at the beginning of read operation. This
parameter is not referred to a specific DOUT voltage level, but specify when the device output begins
driving.
7. Input valid windows is defined to be the period between two successive transition of data input or DQS
(write) signals. The signal transition is defined to occur when the signal level crossing VREF.
8. The timing reference level is VREF.
9. The transition from Low-Z to High-Z is defined to occur when the device output stops driving. A specific
reference voltage to judge this transition is not given.
10. tCK (max.) is determined by the lock range of the DLL. Beyond this lock range, the DLL operation is not
assured.
11. tCK = tCK (min) when these parameters are measured. Otherwise, absolute minimum values of these
values are 10% of tCK.
12. VDD is assumed to be 2.6V ± 0.1V. VDD power supply variation per cycle expected to be less than
0.4V/400 cycle.
13. tDAL = (tWR/tCK)+(tRP/tCK)
For each of the terms above, if not already an integer, round to the next highest integer.
Example: For –5C Speed at CL = 3, tCK = 5ns, tWR = 15ns and tRP= 18ns,
tDAL = (15ns/5ns) + (18ns/5ns) = (3) + (4)
tDAL = 7 clocks


Similar Part No. - EDD1216AATA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA-6B-E ELPIDA-EDD1216AATA-6B-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-7A-E ELPIDA-EDD1216AATA-7A-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-7B-E ELPIDA-EDD1216AATA-7B-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results

Similar Description - EDD1216AATA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
EDD2508AKTA-5 ELPIDA-EDD2508AKTA-5 Datasheet
548Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com