Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD1232AABH-7A-E Datasheet(PDF) 6 Page - Elpida Memory

Part # EDD1232AABH-7A-E
Description  128M bits DDR SDRAM (4M words x 32 bits)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD1232AABH-7A-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDD1232AABH-7A-E Datasheet HTML 2Page - Elpida Memory EDD1232AABH-7A-E Datasheet HTML 3Page - Elpida Memory EDD1232AABH-7A-E Datasheet HTML 4Page - Elpida Memory EDD1232AABH-7A-E Datasheet HTML 5Page - Elpida Memory EDD1232AABH-7A-E Datasheet HTML 6Page - Elpida Memory EDD1232AABH-7A-E Datasheet HTML 7Page - Elpida Memory EDD1232AABH-7A-E Datasheet HTML 8Page - Elpida Memory EDD1232AABH-7A-E Datasheet HTML 9Page - Elpida Memory EDD1232AABH-7A-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
EDD1232AABH
Data Sheet E0533E50 (Ver. 5.0)
6
DC Characteristics 1 (TA = 0 to +70
°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current (ACT-PRE) IDD0
120
mA
CKE ≥ VIH,
tRC = tRC (min.)
1, 2, 9
Operating current
(ACT-READ-PRE)
IDD1
160
mA
CKE ≥ VIH, BL = 4,CL = 2.5,
tRC = tRC (min.)
1, 2, 5
Idle power down standby
current
IDD2P
20
mA
CKE ≤ VIL
4
Floating idle standby current IDD2F
40
mA
CKE ≥ VIH, /CS ≥ VIH
DQ, DQS, DM = VREF
4, 5
Quiet idle standby current
IDD2Q
35
mA
CKE ≥ VIH, /CS ≥ VIH
DQ, DQS, DM = VREF
4, 10
Active power down standby
current
IDD3P
30
mA
CKE ≤ VIL
3
Active standby current
IDD3N
100
mA
CKE ≥ VIH, /CS ≥ VIH
tRAS = tRAS (max.)
3, 5, 6
Operating current
(Burst read operation)
IDD4R
-6B
-7A
330
260
mA
CKE ≥ VIH, BL = 2, CL = 2.5
1, 2, 5, 6
Operating current
(Burst write operation)
IDD4W
-6B
-7A
330
260
mA
CKE ≥ VIH, BL = 2,CL = 2.5
1, 2, 5, 6
Auto Refresh current
IDD5
200
mA
tRFC = tRFC (min.),
Input ≤ VIL or ≥ VIH
Self refresh current
IDD6
3
mA
Input ≥ VDD – 0.2 V
Input ≤ 0.2 V
Operating current
(4 banks interleaving)
IDD7A
-6B
-7A
380
375
mA
BL = 4
1, 5, 6, 7
Notes: 1. These IDD data are measured under condition that DQ pins are not connected.
2. One bank operation.
3. One bank active.
4. All banks idle.
5. Command/Address transition once per one clock cycle.
6. DQ, DM and DQS transition twice per one clock cycle.
7. 4 banks active. Only one bank is running at tRC = tRC (min.)
8. The IDD data on this table are measured with regard to tCK = tCK (min.) in general.
9. Command/Address transition once every two clock cycle.
10. Command/Address stable at ≥ VIH or ≤ VIL.
DC Characteristics 2 (TA = 0 to +70
°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–2
2
µA
VDD ≥ VIN ≥ VSS
Output leakage current
ILO
–5
5
µA
VDDQ ≥ VOUT ≥ VSS
Output high current
IOH
–15.2
mA
VOUT = 1.95V
Output low current
IOL
15.2
mA
VOUT = 0.35V


Similar Part No. - EDD1232AABH-7A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AAFA-6B-E ELPIDA-EDD1232AAFA-6B-E Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AAFA-7A-E ELPIDA-EDD1232AAFA-7A-E Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
More results

Similar Description - EDD1232AABH-7A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com