Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD5108AFTA Datasheet(PDF) 7 Page - Elpida Memory

Part # EDD5108AFTA
Description  512M bits DDR SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5108AFTA Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDD5108AFTA Datasheet HTML 3Page - Elpida Memory EDD5108AFTA Datasheet HTML 4Page - Elpida Memory EDD5108AFTA Datasheet HTML 5Page - Elpida Memory EDD5108AFTA Datasheet HTML 6Page - Elpida Memory EDD5108AFTA Datasheet HTML 7Page - Elpida Memory EDD5108AFTA Datasheet HTML 8Page - Elpida Memory EDD5108AFTA Datasheet HTML 9Page - Elpida Memory EDD5108AFTA Datasheet HTML 10Page - Elpida Memory EDD5108AFTA Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
EDD5108AFTA, EDD5116AFTA
Data Sheet E0699E20 (Ver. 2.0)
7
-6B
-7A
-7B
Parameter
Symbol
min.
max.
min.
max
min.
max.
Unit Notes
Address and control input pulse width tIPW
2.2
2.2
2.2
ns
7
Mode register set command cycle
time
tMRD
2
2
2
tCK
Active to Precharge command period tRAS
42
120000
45
120000
45
120000
ns
Active to Active/Auto refresh
command period
tRC
60
65
65
ns
Auto refresh to Active/Auto refresh
command period
tRFC
72
75
75
ns
Active to Read/Write delay
tRCD
18
20
20
ns
Precharge to active command period tRP
18
20
20
ns
Active to Autoprecharge delay
tRAP
tRCD min. —
tRCD min. —
tRCD min. —
ns
Active to active command period
tRRD
12
15
15
ns
Write recovery time
tWR
15
15
15
ns
Auto precharge write recovery and
precharge time
tDAL
(tWR/tCK)+
(tRP/tCK)
(tWR/tCK)+
(tRP/tCK)
(tWR/tCK)+
(tRP/tCK)
tCK 13
Internal write to Read command
delay
tWTR
1
1
1
tCK
Average periodic refresh interval
tREF
7.8
7.8
7.8
µs
Notes: 1. On all AC measurements, we assume the test conditions shown in the next page. For timing parameter
definitions, see ‘Timing Waveforms’ section.
2. This parameter defines the signal transition delay from the cross point of CK and /CK. The signal
transition is defined to occur when the signal level crossing VTT.
3. The timing reference level is VTT.
4. Output valid window is defined to be the period between two successive transition of data out or DQS
(read) signals. The signal transition is defined to occur when the signal level crossing VTT.
5. tHZ is defined as DOUT transition delay from Low-Z to High-Z at the end of read burst operation. The
timing reference is cross point of CK and /CK. This parameter is not referred to a specific DOUT voltage
level, but specify when the device output stops driving.
6. tLZ is defined as DOUT transition delay from High-Z to Low-Z at the beginning of read operation. This
parameter is not referred to a specific DOUT voltage level, but specify when the device output begins
driving.
7. Input valid windows is defined to be the period between two successive transition of data input or DQS
(write) signals. The signal transition is defined to occur when the signal level crossing VREF.
8. The timing reference level is VREF.
9. The transition from Low-Z to High-Z is defined to occur when the device output stops driving. A specific
reference voltage to judge this transition is not given.
10. tCK (max.) is determined by the lock range of the DLL. Beyond this lock range, the DLL operation is not
assured.
11. tCK = tCK (min.) when these parameters are measured. Otherwise, absolute minimum values of these
values are 10% of tCK.
12. VDD is assumed to be 2.5V ± 0.2V. VDD power supply variation per cycle expected to be less than
0.4V/400 cycle.
13. tDAL = (tWR/tCK)+(tRP/tCK)
For each of the terms above, if not already an integer, round to the next highest integer.
Example: For –7A Speed at CL = 2.5, tCK = 7.5ns, tWR = 15ns and tRP= 20ns,
tDAL = (15ns/7.5ns) + (20ns/7.5ns) = (2) + (3)
tDAL = 5 clocks


Similar Part No. - EDD5108AFTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA-5B-E ELPIDA-EDD5108AFTA-5B-E Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA-5B-E ELPIDA-EDD5108AFTA-5B-E Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5108AFTA-5BTI-E ELPIDA-EDD5108AFTA-5BTI-E Datasheet
498Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDD5108AFTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFBG ELPIDA-EDD5108AFBG Datasheet
618Kb / 52P
   512M bits DDR SDRAM
EDD5108AGTA ELPIDA-EDD5108AGTA Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com