Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD5104ADTA-7B Datasheet(PDF) 5 Page - Elpida Memory

Part # EDD5104ADTA-7B
Description  512M bits DDR SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5104ADTA-7B Datasheet(HTML) 5 Page - Elpida Memory

  EDD5104ADTA-7B Datasheet HTML 1Page - Elpida Memory EDD5104ADTA-7B Datasheet HTML 2Page - Elpida Memory EDD5104ADTA-7B Datasheet HTML 3Page - Elpida Memory EDD5104ADTA-7B Datasheet HTML 4Page - Elpida Memory EDD5104ADTA-7B Datasheet HTML 5Page - Elpida Memory EDD5104ADTA-7B Datasheet HTML 6Page - Elpida Memory EDD5104ADTA-7B Datasheet HTML 7Page - Elpida Memory EDD5104ADTA-7B Datasheet HTML 8Page - Elpida Memory EDD5104ADTA-7B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
EDD5104ADTA, EDD5108ADTA, EDD5116ADTA
Data Sheet E0384E30 (Ver. 3.0)
5
DC Characteristics 1 (TA = 0 to +70
°°°°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
max.
Parameter
Symbol
Grade
× 4
× 8
× 16
Unit
Test condition
Notes
Operating current (ACT-
PRE)
IDD0
-6B
-7A, -7B
150
135
150
135
150
135
mA
CKE ≥ VIH,
tRC = tRC (min.)
1, 2, 9
Operating current
(ACT-READ-PRE)
IDD1
-6B
-7A, -7B
190
170
200
175
210
180
mA
CKE ≥ VIH, BL = 4,
CL = 2.5,
tRC = tRC (min.)
1, 2, 5
Idle power down standby
current
IDD2P
3
3
3
mA
CKE ≤ VIL
4
Floating idle standby
current
IDD2F
-6B
-7A, -7B
30
25
30
25
30
25
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 5
Quiet idle standby current IDD2Q
20
20
20
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 10
Active power down
standby current
IDD3P
20
20
20
mA
CKE ≤ VIL
3
Active standby current
IDD3N
-6B
-7A, -7B
65
55
65
55
65
55
mA
CKE ≥ VIH, /CS ≥ VIH
tRAS = tRAS (max.)
3, 5, 6
Operating current
(Burst read operation)
IDD4R
-6B
-7A, -7B
230
200
250
210
270
230
mA
CKE ≥ VIH, BL = 2,
CL = 2.5
1, 2, 5, 6
Operating current
(Burst write operation)
IDD4W
-6B
-7A, -7B
230
200
250
210
270
230
mA
CKE ≥ VIH, BL = 2,
CL = 2.5
1, 2, 5, 6
Auto Refresh current
IDD5
-6B
-7A, -7B
320
300
320
300
320
300
mA
tRFC = tRFC (min.),
Input ≤ VIL or ≥ VIH
Self refresh current
IDD6
4
4
4
mA
Input ≥ VDD – 0.2 V
Input ≤ 0.2 V
Self refresh current
((L-version))
IDD6
-xxL
3
3
3
mA
Operating current
(4 banks interleaving)
IDD7A
-6B
-7A, -7B
490
410
510
430
530
450
mA
BL = 4
1, 5, 6, 7
Notes: 1. These IDD data are measured under condition that DQ pins are not connected.
2. One bank operation.
3. One bank active.
4. All banks idle.
5. Command/Address transition once per one clock cycle.
6. DQ, DM and DQS transition twice per one clock cycle.
7. 4 banks active. Only one bank is running at tRC = tRC (min.)
8. The IDD data on this table are measured with regard to tCK = tCK (min.) in general.
9. Command/Address transition once every two clock cycles.
10. Command/Address stable at ≥ VIH or ≤ VIL.
DC Characteristics 2 (TA = 0 to +70
°°°°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–2
2
µA
VDD ≥ VIN ≥ VSS
Output leakage current
ILO
–5
5
µA
VDDQ ≥ VOUT ≥ VSS
Output high current
IOH
–15.2
mA
VOUT = 1.95V
Output low current
IOL
15.2
mA
VOUT = 0.35V


Similar Part No. - EDD5104ADTA-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5104ADTA-7B-E ELPIDA-EDD5104ADTA-7B-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5104ADTA-7BL-E ELPIDA-EDD5104ADTA-7BL-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
More results

Similar Description - EDD5104ADTA-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
EDD5108AFBG ELPIDA-EDD5108AFBG Datasheet
618Kb / 52P
   512M bits DDR SDRAM
EDD5108AGTA ELPIDA-EDD5108AGTA Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com