Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD5108AFTA-5B-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EDD5108AFTA-5B-E
Description  512M bits DDR SDRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5108AFTA-5B-E Datasheet(HTML) 1 Page - Elpida Memory

  EDD5108AFTA-5B-E Datasheet HTML 1Page - Elpida Memory EDD5108AFTA-5B-E Datasheet HTML 2Page - Elpida Memory EDD5108AFTA-5B-E Datasheet HTML 3Page - Elpida Memory EDD5108AFTA-5B-E Datasheet HTML 4Page - Elpida Memory EDD5108AFTA-5B-E Datasheet HTML 5Page - Elpida Memory EDD5108AFTA-5B-E Datasheet HTML 6Page - Elpida Memory EDD5108AFTA-5B-E Datasheet HTML 7Page - Elpida Memory EDD5108AFTA-5B-E Datasheet HTML 8Page - Elpida Memory EDD5108AFTA-5B-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Document No. E0741E20 (Ver. 2.0)
Date Published October 2005 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2005
DATA SHEET
512M bits DDR SDRAM
EDD5108AFTA-5 (64M words
× 8 bits, DDR400)
EDD5116AFTA-5 (32M words
× 16 bits, DDR400)
Description
The EDD5108AFTA and the EDD5116AFTA are 512M
bits Double Data Rate (DDR) SDRAM organized as
16,777,216 words
× 8 bits × 4 banks and 8,388,608
words
× 16 bits × 4 banks, respectively. Read and
write operations are performed at the cross points of
the CK and the /CK. This high-speed data transfer is
realized by the 2 bits prefetch-pipelined architecture.
Data strobe (DQS) both for read and write are available
for high speed and reliable data bus design. By setting
extended mode register, the on-chip Delay Locked
Loop (DLL) can be set enable or disable. They are
packaged in standard 66-pin plastic TSOP (II).
Features
• Power supply: VDD ,VDDQ = 2.6V ± 0.1V
• Data rate: 400Mbps (max.)
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional data strobe (DQS) is transmitted
/received with data for capturing data at the receiver
• Data inputs, outputs, and DM are synchronized with
DQS
• 4 internal banks for concurrent operation
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Auto precharge option for each burst access
• SSTL_2 compatible I/O
• Programmable burst length (BL): 2, 4, 8
• Programmable /CAS latency (CL): 3
• Programmable output driver strength: normal/weak
• Refresh cycles: 8192 refresh cycles/64ms
 7.8µs maximum average periodic refresh interval
• 2 variations of refresh
 Auto refresh
 Self refresh
• TSOP (II) package with lead free solder (Sn-Bi)
 RoHS compliant
Pin Configurations
/xxx indicates active low signal.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
66-pin Plastic TSOP(II)
(Top view)
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
NC
VDDQ
NC
NC
VDD
NC
NC
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10(AP)
A0
A1
A2
A3
VDD
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
NC
VSSQ
DQS
NC
VREF
VSS
DM
/CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
X 16
X 8
Address input
Bank select address
Data-input/output
Input and output data strobe
Chip select
Row address strobe command
Column address strobe command
Write enable
Input mask
Clock input
Differential clock input
Clock enable
Input reference voltage
Power for internal circuit
Ground for internal circuit
Power for DQ circuit
Ground for DQ circuit
No connection
A0 to A12
BA0, BA1
DQ0 to DQ15
DQS, LDQS, UDQS
/CS
/RAS
/CAS
/WE
DM, LDM, UDM
CK
/CK
CKE
VREF
VDD
VSS
VDDQ
VSSQ
NC
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
/CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10(AP)
A0
A1
A2
A3
VDD


Similar Part No. - EDD5108AFTA-5B-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AFTA-5B-E ELPIDA-EDD5108AFTA-5B-E Datasheet
488Kb / 52P
   512M bits DDR SDRAM
More results

Similar Description - EDD5108AFTA-5B-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
EDD5108AFBG ELPIDA-EDD5108AFBG Datasheet
618Kb / 52P
   512M bits DDR SDRAM
EDD5108AGTA ELPIDA-EDD5108AGTA Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com