Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE5104ABSE-5C-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EDE5104ABSE-5C-E
Description  512M bits DDR2 SDRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5104ABSE-5C-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDE5104ABSE-5C-E Datasheet HTML 3Page - Elpida Memory EDE5104ABSE-5C-E Datasheet HTML 4Page - Elpida Memory EDE5104ABSE-5C-E Datasheet HTML 5Page - Elpida Memory EDE5104ABSE-5C-E Datasheet HTML 6Page - Elpida Memory EDE5104ABSE-5C-E Datasheet HTML 7Page - Elpida Memory EDE5104ABSE-5C-E Datasheet HTML 8Page - Elpida Memory EDE5104ABSE-5C-E Datasheet HTML 9Page - Elpida Memory EDE5104ABSE-5C-E Datasheet HTML 10Page - Elpida Memory EDE5104ABSE-5C-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
EDE5104ABSE, EDE5108ABSE, EDE5116ABSE
Data Sheet E0323E90 (Ver. 9.0)
7
DC Characteristics 1 (TC = 0 to +85
°C, VDD, VDDQ = 1.8V ± 0.1V)
max.
Parameter
Symbol
Grade
× 4
× 8
× 16
Unit Test condition
Operating current
(ACT-PRE)
IDD0
-5C
-4A
105
90
110
95
155
140
mA
one bank; tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(ACT-READ-PRE)
IDD1
-5C
-4A
120
105
125
110
170
155
mA
one bank; IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD); tRCD = tRCD (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
Precharge power-
down standby current
IDD2P
-5C
-4A
10
8
10
8
10
8
mA
all banks idle;
tCK = tCK (IDD);
CKE is L;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Precharge quiet
standby current
IDD2Q
-5C
-4A
25
20
25
20
25
20
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Idle standby current
IDD2N
-5C
-4A
30
25
30
25
30
25
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
IDD3P-F
-5C
-4A
40
35
40
35
40
35
mA
Fast PDN Exit
MRS(12) = 0
Active power-down
standby current
IDD3P-S
-5C
-4A
25
20
25
20
25
20
mA
all banks open;
tCK = tCK (IDD);
CKE is L;
Other control and address bus
inputs are STABLE;
Data bus inputs are FLOATING
Slow PDN Exit
MRS(12) = 1
Active standby
current
IDD3N
-5C
-4A
65
60
65
60
85
75
mA
all banks open;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(Burst read operating)
IDD4R
-5C
-4A
170
140
190
150
240
200
mA
all banks open, continuous burst reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
Operating current
(Burst write
operating)
IDD4W
-5C
-4A
170
140
190
150
240
200
mA
all banks open, continuous burst writes;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING


Similar Part No. - EDE5104ABSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AESK ELPIDA-EDE5104AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AESK-4A-E ELPIDA-EDE5104AESK-4A-E Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AESK-5C-E ELPIDA-EDE5104AESK-5C-E Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AESK-6E-E ELPIDA-EDE5104AESK-6E-E Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE Datasheet
684Kb / 65P
   512M bits DDR2 SDRAM
More results

Similar Description - EDE5104ABSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com