Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE5104AGSE-6C-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EDE5104AGSE-6C-E
Description  512M bits DDR2 SDRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5104AGSE-6C-E Datasheet(HTML) 1 Page - Elpida Memory

  EDE5104AGSE-6C-E Datasheet HTML 1Page - Elpida Memory EDE5104AGSE-6C-E Datasheet HTML 2Page - Elpida Memory EDE5104AGSE-6C-E Datasheet HTML 3Page - Elpida Memory EDE5104AGSE-6C-E Datasheet HTML 4Page - Elpida Memory EDE5104AGSE-6C-E Datasheet HTML 5Page - Elpida Memory EDE5104AGSE-6C-E Datasheet HTML 6Page - Elpida Memory EDE5104AGSE-6C-E Datasheet HTML 7Page - Elpida Memory EDE5104AGSE-6C-E Datasheet HTML 8Page - Elpida Memory EDE5104AGSE-6C-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
Document No. E0715E20 (Ver. 2.0)
Date Published July 2005 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2005
PRELIMINARY DATA SHEET
512M bits DDR2 SDRAM
EDE5104AGSE (128M words
× 4 bits)
EDE5108AGSE (64M words
× 8 bits)
Description
The EDE5104AGSE is a 512M bits DDR2 SDRAM
organized as 33,554,432 words
× 4 bits × 4 banks.
The EDE5108AGSE is a 512M bits DDR2 SDRAM
organized as 16,777,216 words
× 8 bits × 4 banks.
They are packaged in 60-ball FBGA (
µBGA) package.
Features
• Power supply: VDD, VDDQ = 1.8V ± 0.1V
• Double-data-rate architecture: two data transfers per
clock cycle
• Bi-directional, differential data strobe (DQS and
/DQS) is transmitted/received with data, to be used in
capturing data at the receiver
• DQS is edge aligned with data for READs: center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge: data
and data mask referenced to both edges of DQS
• Four internal banks for concurrent operation
• Data mask (DM) for write data
• Burst lengths: 4, 8
• /CAS Latency (CL): 3, 4, 5
• Auto precharge operation for each burst access
• Auto refresh and self refresh modes
• Average refresh period
 7.8µs at 0°C ≤ TC ≤ +85°C
 3.9µs at +85°C < TC ≤ +95°C
• SSTL_18 compatible I/O
• Posted CAS by programmable additive latency for
better command and data bus efficiency
• Off-Chip-Driver Impedance Adjustment and On-Die-
Termination for better signal quality
• Programmable RDQS, /RDQS output for making × 8
organization compatible to
× 4 organization
• /DQS, (/RDQS) can be disabled for single-ended
Data Strobe operation.
• FBGA (µBGA) package with lead free solder
(Sn-Ag-Cu)
 RoHS compliant


Similar Part No. - EDE5104AGSE-6C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AGSE-6E-E ELPIDA-EDE5104AGSE-6E-E Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
More results

Similar Description - EDE5104AGSE-6C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5104ABSE ELPIDA-EDE5104ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com