Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDL5132CBMA Datasheet(PDF) 2 Page - Elpida Memory

Part # EDL5132CBMA
Description  512M bits Mobile RAM MCP 2 pcs of 256Mb components (16M words x 32 bits)
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDL5132CBMA Datasheet(HTML) 2 Page - Elpida Memory

  EDL5132CBMA Datasheet HTML 1Page - Elpida Memory EDL5132CBMA Datasheet HTML 2Page - Elpida Memory EDL5132CBMA Datasheet HTML 3Page - Elpida Memory EDL5132CBMA Datasheet HTML 4Page - Elpida Memory EDL5132CBMA Datasheet HTML 5Page - Elpida Memory EDL5132CBMA Datasheet HTML 6Page - Elpida Memory EDL5132CBMA Datasheet HTML 7Page - Elpida Memory EDL5132CBMA Datasheet HTML 8Page - Elpida Memory EDL5132CBMA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
EDL5132CBMA
Preliminary Data Sheet E0490E30 (Ver. 3.0)
2
Ordering Information
Part number
Organization
(words
× bits)
Internal banks
Clock frequency
MHz (max.)
/CAS latency
Package
EDL5132CBMA-10-E
16M
× 32
4
100
3
90-ball FBGA
Part Number
Environment Code
E: Lead Free
Elpida Memory
Density / Bank
51: 512M /4-bank
Bit Organization
32: x32
Voltage, Interface
C: VDD = 1.8V, VDDQ = 1.8V, LVCMOS
Die Rev.
Package
MA: Stacked FBGA
Speed
10: 100MHz/CL3
Product Code
L: Mobile RAM
Type
D: Monolithic Device
E D L 51 32 C B MA - 10 - E


Similar Part No. - EDL5132CBMA

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
Elpida Memory
EDL1216AASA ELPIDA-EDL1216AASA Datasheet
479Kb / 59P
   128M bits Mobile RAM
EDL1216AASA-75-E ELPIDA-EDL1216AASA-75-E Datasheet
479Kb / 59P
   128M bits Mobile RAM
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
   128M bits Mobile RAM
EDL1216CASA-10-E ELPIDA-EDL1216CASA-10-E Datasheet
467Kb / 59P
   128M bits Mobile RAM
More results

Similar Description - EDL5132CBMA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS2516CDTA ELPIDA-EDS2516CDTA Datasheet
703Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS1616AGTA ELPIDA-EDS1616AGTA Datasheet
694Kb / 49P
   16M bits SDRAM (1M words x 16 bits)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
EDE5116AFSE ELPIDA-EDE5116AFSE Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com