Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD5104ADTA-7AL Datasheet(PDF) 9 Page - Elpida Memory

Part # EDD5104ADTA-7AL
Description  512M bits DDR SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5104ADTA-7AL Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDD5104ADTA-7AL Datasheet HTML 5Page - Elpida Memory EDD5104ADTA-7AL Datasheet HTML 6Page - Elpida Memory EDD5104ADTA-7AL Datasheet HTML 7Page - Elpida Memory EDD5104ADTA-7AL Datasheet HTML 8Page - Elpida Memory EDD5104ADTA-7AL Datasheet HTML 9Page - Elpida Memory EDD5104ADTA-7AL Datasheet HTML 10Page - Elpida Memory EDD5104ADTA-7AL Datasheet HTML 11Page - Elpida Memory EDD5104ADTA-7AL Datasheet HTML 12Page - Elpida Memory EDD5104ADTA-7AL Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
EDD5104ADTA, EDD5108ADTA, EDD5116ADTA
Data Sheet E0384E30 (Ver. 3.0)
9
Timing Parameter Measured in Clock Cycle
Number of clock cycle
tCK
6ns
7.5ns
Parameter
Symbol
min.
max.
min.
max.
Unit
Write to pre-charge command delay (same bank)
tWPD
4 + BL/2
3 + BL/2
tCK
Read to pre-charge command delay (same bank)
tRPD
BL/2
BL/2
tCK
Write to read command delay (to input all data)
tWRD
2 + BL/2
2 + BL/2
tCK
Burst stop command to write command delay
(CL = 2)
tBSTW
2
tCK
(CL = 2.5)
tBSTW
3
3
tCK
Burst stop command to DQ High-Z
(CL = 2)
tBSTZ
2
2
tCK
(CL = 2.5)
tBSTZ
2.5
2.5
2.5
2.5
tCK
Read command to write command delay
(to output all data)
(CL = 2)
tRWD
2 + BL/2
tCK
(CL = 2.5)
tRWD
3 + BL/2
3 + BL/2
tCK
Pre-charge command to High-Z
(CL = 2)
tHZP
2
2
tCK
(CL = 2.5)
tHZP
2.5
2.5
2.5
2.5
tCK
Write command to data in latency
tWCD
1
1
1
1
tCK
Write recovery time
tWR
3
2
tCK
DM to data in latency
tDMD
0
0
0
0
tCK
Mode register set command cycle time
tMRD
2
2
tCK
Self refresh exit to non-read command
tSNR
12
10
tCK
Self refresh exit to read command
tSRD
200
200
tCK
Power down entry
tPDEN
1
1
1
1
tCK
Power down exit to command input
tPDEX
1
1
tCK


Similar Part No. - EDD5104ADTA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5104ADTA-7AL-E ELPIDA-EDD5104ADTA-7AL-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
More results

Similar Description - EDD5104ADTA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
EDD5108AFBG ELPIDA-EDD5108AFBG Datasheet
618Kb / 52P
   512M bits DDR SDRAM
EDD5108AGTA ELPIDA-EDD5108AGTA Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com