Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS1232AASE-75-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EDS1232AASE-75-E
Description  128M bits SDRAM (4M words x 32 bits)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AASE-75-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDS1232AASE-75-E Datasheet HTML 3Page - Elpida Memory EDS1232AASE-75-E Datasheet HTML 4Page - Elpida Memory EDS1232AASE-75-E Datasheet HTML 5Page - Elpida Memory EDS1232AASE-75-E Datasheet HTML 6Page - Elpida Memory EDS1232AASE-75-E Datasheet HTML 7Page - Elpida Memory EDS1232AASE-75-E Datasheet HTML 8Page - Elpida Memory EDS1232AASE-75-E Datasheet HTML 9Page - Elpida Memory EDS1232AASE-75-E Datasheet HTML 10Page - Elpida Memory EDS1232AASE-75-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
EDS1232AASE
Data Sheet E0350E20 (Ver. 2.0)
7
Test Conditions
• AC high level input voltage / low level input voltage: 2.4V / 0.4V
• Input timing measurement reference level: 1.4V
• Transition time (Input rise and fall time): 1ns
• Output timing measurement reference level: 1.4V
• Termination voltage (Vtt): 1.4V
tCK
tCH
tCL
2.4V
1.4V
0.4V
CLK
2.4V
1.4V
0.4V
Input
tSETUP tHOLD
Output
tAC
tOH
Output
Z = 50
Vtt
30pF
50
Input Waveforms and Output Load


Similar Part No. - EDS1232AASE-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1232AABB-60-E ELPIDA-EDS1232AABB-60-E Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1232AABB-60L-E ELPIDA-EDS1232AABB-60L-E Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1232AABB-75-E ELPIDA-EDS1232AABB-75-E Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1232AABB-75L-E ELPIDA-EDS1232AABB-75L-E Datasheet
566Kb / 55P
   128M bits SDRAM
More results

Similar Description - EDS1232AASE-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com