Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS2732CABH-75-E Datasheet(PDF) 6 Page - Elpida Memory

Part # EDS2732CABH-75-E
Description  256M bits SDRAM (8M words x 32 bits)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2732CABH-75-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDS2732CABH-75-E Datasheet HTML 2Page - Elpida Memory EDS2732CABH-75-E Datasheet HTML 3Page - Elpida Memory EDS2732CABH-75-E Datasheet HTML 4Page - Elpida Memory EDS2732CABH-75-E Datasheet HTML 5Page - Elpida Memory EDS2732CABH-75-E Datasheet HTML 6Page - Elpida Memory EDS2732CABH-75-E Datasheet HTML 7Page - Elpida Memory EDS2732CABH-75-E Datasheet HTML 8Page - Elpida Memory EDS2732CABH-75-E Datasheet HTML 9Page - Elpida Memory EDS2732CABH-75-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
EDS2732CABH
Data Sheet E0397E40 (Ver. 4.0)
6
DC Characteristics 2 (TA = 0 to +70
°°°°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–1
1
µA
0 ≤ VIN ≤ VDD
Output leakage current
ILO
–1.5
1.5
µA
0 ≤ VOUT ≤ VDD, DQ = disable
Output high voltage
VOH
2.0
V
IOH = –1 mA
Output low voltage
VOL
0.4
V
IOL = 1 mA
Pin Capacitance (TA = 25°C, VDD, VDDQ = 2.5V ± 0.2V)
Parameter
Symbol
Pins
min.
typ.
max.
Unit
Notes
Input capacitance
CI1
CLK
1.5
3.0
pF
1, 2, 4
CI2
Address, CKE, /CS,
/RAS, /CAS, /WE,
DQM
1.5
3.0
pF
1, 2, 4
Data input/output
capacitance
CI/O
DQ
3.0
5.5
pF
1, 2, 3, 4
Notes: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2. Measurement condition: f = 1MHz, 1.2V bias, 200mV swing.
3. DQM = VIH to disable DOUT.
4. This parameter is sampled and not 100% tested.


Similar Part No. - EDS2732CABH-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2732CABJ-1A-E ELPIDA-EDS2732CABJ-1A-E Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2732CABJ-1AL-E ELPIDA-EDS2732CABJ-1AL-E Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2732CABJ-75-E ELPIDA-EDS2732CABJ-75-E Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2732CABJ-75L-E ELPIDA-EDS2732CABJ-75L-E Datasheet
642Kb / 48P
   256M bits SDRAM
More results

Similar Description - EDS2732CABH-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-9A ELPIDA-EDS2532EEBH-9A Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-75 ELPIDA-EDS2532EEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-6B ELPIDA-EDS2732AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532CABH ELPIDA-EDS2532CABH Datasheet
578Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532JEBH-75 ELPIDA-EDS2532JEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-75 ELPIDA-EDS2732AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532AABH-6B ELPIDA-EDS2532AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com