Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD45128163G5-A75-9JF Datasheet(PDF) 9 Page - Elpida Memory

Part # UPD45128163G5-A75-9JF
Description  128M-bit Synchronous DRAM 4-bank, LVTTL
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

UPD45128163G5-A75-9JF Datasheet(HTML) 9 Page - Elpida Memory

Back Button UPD45128163G5-A75-9JF Datasheet HTML 5Page - Elpida Memory UPD45128163G5-A75-9JF Datasheet HTML 6Page - Elpida Memory UPD45128163G5-A75-9JF Datasheet HTML 7Page - Elpida Memory UPD45128163G5-A75-9JF Datasheet HTML 8Page - Elpida Memory UPD45128163G5-A75-9JF Datasheet HTML 9Page - Elpida Memory UPD45128163G5-A75-9JF Datasheet HTML 10Page - Elpida Memory UPD45128163G5-A75-9JF Datasheet HTML 11Page - Elpida Memory UPD45128163G5-A75-9JF Datasheet HTML 12Page - Elpida Memory UPD45128163G5-A75-9JF Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
Data Sheet E0344N10 (Ver. 1.0)
9
µµµµPD45128163
2. Commands
Mode register set command
(/CS, /RAS, /CAS, /WE = Low)
The
µPD45128xxx has a mode register that defines how the device
operates. In this command, A0 through A11, BA0(A13) and BA1(A12)
are the data input pins.
After power on, the mode register set
command must be executed to initialize the device.
The mode register can be set only when all banks are in idle state.
During 2 CLK (tRSC) following this command, the
µPD45128xxx
cannot accept any other commands.
Fig.1 Mode register set command
/WE
/CAS
/RAS
/CS
CKE
CLK
H
Add
A10
BA0(A13), BA1(A12)
Activate command
(/CS, /RAS = Low, /CAS, /WE = High)
The
µPD45128xxx has four banks, each with 4,096 rows.
This command activates the bank selected by BA0(A13) and
BA1(A12) and a row address selected by A0 through A11.
This command corresponds to a conventional DRAM’s /RAS falling.
Fig.2 Row address strobe and
bank activate command
/WE
/CAS
/RAS
/CS
CKE
CLK
H
Add
A10
BA0(A13), BA1(A12)
Row
Row
Precharge command
(/CS, /RAS, /WE = Low, /CAS = High)
This command begins precharge operation of the bank selected by
BA0(A13) and BA1(A12). When A10 is High, all banks are
precharged, regardless of BA0(A13) and BA1(A12). When A10 is
Low, only the bank selected by BA0(A13) and BA1(A12) is
precharged.
After this command, the
µPD45128xxx can’t accept the activate
command to the precharging bank during tRP (precharge to activate
command period).
This command corresponds to a conventional DRAM’s /RAS rising.
Fig.3 Precharge command
/WE
/CAS
/RAS
/CS
CKE
CLK
H
Add
A10
BA0(A13), BA1(A12)
(Precharge select)


Similar Part No. - UPD45128163G5-A75-9JF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD45128163G5-A75-9JF NEC-UPD45128163G5-A75-9JF Datasheet
1Mb / 92P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163G5-A75-9JF-E ELPIDA-UPD45128163G5-A75-9JF-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
More results

Similar Description - UPD45128163G5-A75-9JF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I ELPIDA-UPD45128163-I Datasheet
785Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-T ELPIDA-UPD45128163-T Datasheet
774Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128441-I ELPIDA-PD45128441-I Datasheet
710Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163-SU ELPIDA-PD45128163-SU Datasheet
701Kb / 87P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I-E ELPIDA-UPD45128163-I-E Datasheet
962Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com