Electronic Components Datasheet Search |
|
28LV010RT2FI-25 Datasheet(PDF) 6 Page - Maxwell Technologies |
|
28LV010RT2FI-25 Datasheet(HTML) 6 Page - Maxwell Technologies |
6 / 20 page 6 All data sheets are subject to change without notice ©2001 Maxwell Technologies All rights reserved. 3.3V 1 Megabit (128K x 8-Bit) EEPROM 28LV010 03.14.03 REV 6 Byte Load Cycle -200 -250 t BLC 9, 10, 11 1 1 30 30 µs Data Latch Time2 -200 -250 t DL 9, 10, 11 700 750 - - ns Byte Load Window 2 -200 -250 t BL 9, 10, 11 100 100 -- -- µs Time to Device Busy -200 -250 t DB 9, 10, 11 100 120 -- -- ns Write Start Time -200 -250 t DW 9, 10, 11 150 250 -- -- ns RES to Write Setup Time2 -200 -250 t RP 9, 10, 11 100 100 -- -- µs V CC to RES Setup Time 2 -200 -250 t RES 9, 10, 11 1 1 -- -- µs 1. t WC must be longer than this value unless polling techniques or RDY/BSY are used. This device automatically completes the internal write operation within this value. 2. Guaranteed by design. TABLE 9. 28LV010 MODE SELECTION1,2 MODE CE OE WE RES RDY/BUSY I/O Read V IL V IL V IH V H High-Z D OUT Standby V IH X X X High-Z High-Z Write V IL V IH V IL V H High-Z --> V OL D IN Deselect V IL V IH V IH V H High-Z High-Z Write Inhibit X X V IH X-- -- XV IL X X -- -- Data Polling V IL V IL V IH V H V OL Data Out (I/O7) Program X X X V IL High-Z High-Z 1. X = Don’t care. 2. Refer to the recommended DC operating conditions. TABLE 8. 28LV010 AC ELECTRICAL CHARACTERISTICS FOR ERASE AND WRITE OPERATIONS (V CC = 3.3V ± 10%, TA =-55 TO +125 ° C UNLESS OTHERWISE SPECIFIED) PARAMETER SYMBOL SUBGROUPS MIN MAX UNIT |
Similar Part No. - 28LV010RT2FI-25 |
|
Similar Description - 28LV010RT2FI-25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |