Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28LV010RT4DE-25 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 28LV010RT4DE-25
Description  3.3V 1 Megabit (128K x 8-Bit) EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28LV010RT4DE-25 Datasheet(HTML) 1 Page - Maxwell Technologies

  28LV010RT4DE-25 Datasheet HTML 1Page - Maxwell Technologies 28LV010RT4DE-25 Datasheet HTML 2Page - Maxwell Technologies 28LV010RT4DE-25 Datasheet HTML 3Page - Maxwell Technologies 28LV010RT4DE-25 Datasheet HTML 4Page - Maxwell Technologies 28LV010RT4DE-25 Datasheet HTML 5Page - Maxwell Technologies 28LV010RT4DE-25 Datasheet HTML 6Page - Maxwell Technologies 28LV010RT4DE-25 Datasheet HTML 7Page - Maxwell Technologies 28LV010RT4DE-25 Datasheet HTML 8Page - Maxwell Technologies 28LV010RT4DE-25 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301- www.maxwell.com
3.3V 1 Megabit (128K x 8-Bit)
28LV010
©2001 Maxwell Technologies
All rights reserved.
EEPROM
03.14.03 REV 6
FEATURES:
• 3.3V low voltage operation 128K x 8 Bit EEPROM
•RAD-PAK® radiation-hardened against natural space
radiation
• Total dose hardness:
- > 100 krad (Si), depending upon space mission
• Excellent Single Event Effects:
-SEL
TH > 84 MeV/mg/cm
2
-SEU
TH > 37 Mev/mg/cm
2 (read mode)
- SEU saturated cross section = 3E-6 cm2 (read mode)
-SEU
TH = 11.4 Mev/mg/cm
2 (write mode)
- SEU saturated cross section = 5E-3 cm2 (write mode)
with hard errors
• Package:
-32 Pin RAD-PAK® flat pack
-32 Pin RAD-PAK®DIP
- JEDEC-approved byte-wide pinout
• Address Access Time:
- 200, 250 ns maximum access times available
• High endurance:
- 10,000 erase/write (in Page Mode), 10-year data
retention
• Page write mode:
- 1 to 128 bytes
• Automatic programming
- 10 ms automatic page/byte write
• Low power dissipation
- 20mW/MHzactivecurrent (typ.)
- 72 µ W standby (maximum)
DESCRIPTION:
Maxwell Technologies’ 28LV010 high density, 3.3V, 1 Megabit
EEPROM microcircuit features a greater than 100 krad (Si)
total dose tolerance, depending upon space mission. The
28LV010 is capable of in-system electrical Byte and Page pro-
grammability. It has a 128-Byte Page Programming function to
make its erase and write operations faster. It also features
Data Polling and a Ready/Busy signal to indicate the comple-
tion of erase and programming operations. In the 28LV010,
hardware data protection is provided with the RES pin, in addi-
tion to noise protection on the WE signal and write inhibit on
power on and off. Meanwhile, software data protection is
implemented using the JEDEC-optional Standard algorithm.
The 28LV010 is designed for high reliability in the most
demanding space applications.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
High Voltage
Generator
Control Logic Timing
Address
Buffer and
Latch
Y Decoder
X Decoder
YGating
Memory Array
I/O Buffer and
Input Latch
Data Latch
V
CC
V
SS
RES
OE
CE
WE
RES
A0
A6
A7
A16
I/O0
I/O7
RDY/Busy
Logic Diagram


Similar Part No. - 28LV010RT4DE-25

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFB-20 MAXWELL-28LV011RPFB-20 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFB-25 MAXWELL-28LV011RPFB-25 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFE-20 MAXWELL-28LV011RPFE-20 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFE-25 MAXWELL-28LV011RPFE-25 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
More results

Similar Description - 28LV010RT4DE-25

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com