Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT511740D5J Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NT511740D5J
Description  CMOS with Extended Data Out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT511740D5J Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NT511740D5J Datasheet HTML 1Page - List of Unclassifed Manufacturers NT511740D5J Datasheet HTML 2Page - List of Unclassifed Manufacturers NT511740D5J Datasheet HTML 3Page - List of Unclassifed Manufacturers NT511740D5J Datasheet HTML 4Page - List of Unclassifed Manufacturers NT511740D5J Datasheet HTML 5Page - List of Unclassifed Manufacturers NT511740D5J Datasheet HTML 6Page - List of Unclassifed Manufacturers NT511740D5J Datasheet HTML 7Page - List of Unclassifed Manufacturers NT511740D5J Datasheet HTML 8Page - List of Unclassifed Manufacturers NT511740D5J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NT511740D5J
16MEG : x4
CMOS with Extended Data Out
REV 1.0 May. 2000
5
© NANYA TECHNOLOGY CORP.
NAYNA TECHNOLOGY CORP. reserves the right to change products and specifications without notice.
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN,VOUT
-1.0 to +7.0
V
Voltage on VCC Supply Relative to VSS
VCC
-1.0 to +7.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD*
1
W
Operation Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
-55 to 150
°C
*:Ta = 25°C
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should
be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Recommended Operating Conditions
(Voltage referenced to Vss, Ta = 0°C to 70°C )
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.4
-
Vcc+1.0
*1
V
Input Low Voltage
VIL
-1.0
*2
-
0.8
V
*1 : Vcc +2.0V/20ns(5V), Pulse width is measured at Vcc
*2 : -2.0V/20ns(5V), Pulse width is measured at Vss
Capacitance
( Vcc = 5V, Ta = 25°C, f = 1 MHZ )
Parameter
Symbol
Typ.
Max.
Unit
Input Capacitance (A0-A11)
CIN1
-
5
pF
Input Capacitance ( RAS , CAS , WE , OE
)
CIN2
-
7
pF
Output Capacitance (DQ0-DQ3)
CI/O
-
7
pF
DC Characteristics
(Recommended operating conditions unless otherwise noted.)
Max
Parameter
Symbol
Min
Max
Units
Input Leakage Current (Any input 0
<= VIN <= VIN+0.5V,
all other input pins not under test =0 Volt)
II(L)
-5
5
uA
Output Leakage Current
(Data out is disabled, 0 <= VOUT <= VCC)
IO(L)
-5
5
uA
Output High Voltage Level (IOH= -5mA)
VOH
2.4
-
V
5V
Output Low Voltage Level (IOL=4.2mA)
VOL
-
0.4
V


Similar Part No. - NT511740D5J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT511740D0J ETC1-NT511740D0J Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J-50 ETC1-NT511740D0J-50 Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J-5L ETC1-NT511740D0J-5L Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J-60 ETC1-NT511740D0J-60 Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J-6L ETC1-NT511740D0J-6L Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
More results

Similar Description - NT511740D5J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E660412D SAMSUNG-K4E660412D Datasheet
415Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
KM48C8004B SAMSUNG-KM48C8004B Datasheet
383Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8004B SAMSUNG-KM48V8004B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM48V8004C SAMSUNG-KM48V8004C Datasheet
388Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812E SAMSUNG-K4E660812E Datasheet
190Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com