Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT511740D5J-50 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NT511740D5J-50
Description  CMOS with Extended Data Out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT511740D5J-50 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NT511740D5J-50 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT511740D5J-50 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT511740D5J-50 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT511740D5J-50 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT511740D5J-50 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT511740D5J-50 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT511740D5J-50 Datasheet HTML 9Page - List of Unclassifed Manufacturers NT511740D5J-50 Datasheet HTML 10Page - List of Unclassifed Manufacturers NT511740D5J-50 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NT511740D5J
16MEG : x4
CMOS with Extended Data Out
REV 1.0 May. 2000
7
© NANYA TECHNOLOGY CORP.
NAYNA TECHNOLOGY CORP. reserves the right to change products and specifications without notice.
AC CHARACTERISTICS
(0
°C <= Ta <= 70°C , See note 1,2) ; Test condition : VCC=5.0V ± 10%, VIH/VIL=2.4/0.8V, VOH/VOL=2.0/0.8V
-50
-60
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Random read or write cycle time
t RC
84
-
104
-
ns
Read-modify-write cycle time
t RWC
110
135
ns
Access time from RAS
t RAC
50
60
ns
3,4,10
Access time from CAS
t CAC
13
15
ns
3,4,5
Access time from column address
t AA
25
30
ns
3,10
CAS to output in Low-Z
t CLZ
0
0
ns
3
Output buffer turn-off delay from CAS
t CEZ
0
0
ns
6,14
OE to output in Low-Z
t OLZ
0
0
ns
3
Transition time (rise and fall)
t T
1
1
ns
2
RAS precharge time
t RP
30
40
ns
RAS pulse width
t RAS
50
60
ns
RAS hold time
t RSH
7
10
ns
CAS hold time
t CSH
35
40
ns
CAS pulse width
t CAS
7
10
ns
RAS to CAS delay time
t RCD
11
14
ns
4
RAS to column address delay time
t RAD
9
12
ns
10
CAS to RAS precharge time
t CRP
5
5
ns
Row address set-up time
t ASR
0
0
ns
Row address hold time
t RAH
7
10
ns
Column address set-up time
t ASC
0
0
ns
Column address hold time
t CAH
7
10
ns
Column address to RAS lead time
t RAL
25
30
ns
Read command set-up time
t RCS
0
0
ns
Read command hold time referenced to CAS
t RCH
0
0
ns
8
Read command hold time referenced to RAS
t RRH
0
0
ns
8
Write command hold time
t WCH
7
10
ns
Write command pulse width
t WP
7
10
ns
Write command to RAS lead time
t RWL
7
10
ns
Write command to CAS lead time
t CWL
7
10
ns
Data set-up time
t DS
0
0
ns
9
Data hold time
t DH
7
10
ns
9
Refresh period (2K, Normal)
t REF
32
32
ms
Refresh period (L-ver)
t REF
128
128
ms
Write command set-up time
t WCS
0
0
ns
7


Similar Part No. - NT511740D5J-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT511740D0J ETC1-NT511740D0J Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J-50 ETC1-NT511740D0J-50 Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J-5L ETC1-NT511740D0J-5L Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J-60 ETC1-NT511740D0J-60 Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J-6L ETC1-NT511740D0J-6L Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
More results

Similar Description - NT511740D5J-50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E660412D SAMSUNG-K4E660412D Datasheet
415Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
KM48C8004B SAMSUNG-KM48C8004B Datasheet
383Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8004B SAMSUNG-KM48V8004B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM48V8004C SAMSUNG-KM48V8004C Datasheet
388Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812E SAMSUNG-K4E660812E Datasheet
190Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com