Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8233AKFE-TB Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8233AKFE-TB
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8233AKFE-TB Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8233AKFE-TB Datasheet HTML 4Page - Seiko Instruments Inc S-8233AKFE-TB Datasheet HTML 5Page - Seiko Instruments Inc S-8233AKFE-TB Datasheet HTML 6Page - Seiko Instruments Inc S-8233AKFE-TB Datasheet HTML 7Page - Seiko Instruments Inc S-8233AKFE-TB Datasheet HTML 8Page - Seiko Instruments Inc S-8233AKFE-TB Datasheet HTML 9Page - Seiko Instruments Inc S-8233AKFE-TB Datasheet HTML 10Page - Seiko Instruments Inc S-8233AKFE-TB Datasheet HTML 11Page - Seiko Instruments Inc S-8233AKFE-TB Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233A Series
Rev.3.2_10
Seiko Instruments Inc.
8
Table 6 (2 / 2)
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measure-
ment
condition
Measure-
ment
circuit
Output voltage
DOP"H" voltage
VDO(H)
IOUT=10
µA
VCC-0.5
V
7
4
DOP"L" voltage
VDO(L)
IOUT=10
µA
VSS+0.1
V
7
4
COP"L" voltage
VCO(L)
IOUT=10
µA
VSS+0.1
V
8
5
COP OFF LEAK current
ICOL
V1=V2=V3=4.5 V
100
nA
14
9
CD1"H" voltage
VCD1(H)
IOUT=0.1
µA
VCC -0.5
V
13
8
CD1"L" voltage
VCD1(L)
IOUT=10
µA
VC1+0.1
V
13
8
CD 2"H" voltage
VCD2(H)
IOUT=0.1
µA
VCC -0.5
-
V
13
8
CD 2"L" voltage
VCD2(L)
IOUT=10
µA
VC2+0.1
V
13
8
CD3"H" voltage
VCD3(H)
IOUT=0.1
µA
VCC -0.5
V
13
8
CD3"L" voltage
VCD3(L)
IOUT=10
µA
VSS+0.1
V
13
8
0 V battery charging function
0 V charging start voltage
V0CHAR
*5
1.4
V
15
10
*1.
If over current detection voltage 1 is 0.50 V, both over current detection voltages 1 and 2 are 0.54 to
0.55 V, but VIOV2 > VIOV1.
*2.
Voltage temperature factor 1 indicates over charge detection voltage, over charge release voltage, over
discharge detection voltage, and over discharge release voltage.
*3.
Voltage temperature factor 2 indicates over current detection voltage.
*4.
The DOP and COP logic must be established for the operating voltage.
*5.
This spec applies for only 0 V battery charging function available type.


Similar Part No. - S-8233AKFE-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8233B SII-S-8233B Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
S-8233B SII-S-8233B Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233BAFT SII-S-8233BAFT Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
S-8233BAFT-TB-G SII-S-8233BAFT-TB-G Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233BBFT SII-S-8233BBFT Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
More results

Similar Description - S-8233AKFE-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S-8233B SII-S-8233B Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
ABLIC Inc.
S-8245B ABLIC-S-8245B Datasheet
935Kb / 43P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com