Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSA1013 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSA1013
Description  PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1013 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSA1013 Datasheet HTML 1Page - Continental Device India Limited CSA1013 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Disclaimer
TO-237 Plastic Package
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited
for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as
to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web
Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete
information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product;
neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life
saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor
Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own
risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290
e-mail sales@cdil.com
www.cdil.com
3 2
1
G
3 2 1
F
B
D
D
SEC AA
A A
32 1
D IM
M IN.
M AX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F
5.40
G
1.14
1.40
H
2.54
K
12.70
L5 D EG
J
1.14
1.53
LL
1. BASE
2. COLLECTOR
3. EM ITTER
PIN CONFIGURATION
TO-237 Bulk
TO-237 T&A
1K/polybag
2K/ammo box
240 gm/1K pcs
725 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5.0K
2.0K
17" x 15" x 13.5"
17" x 15" x 13.5"
80.0K
32.0K
26.2 kgs
13.8 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 2 of 2


Similar Part No. - CSA1013

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA1012 CDIL-CSA1012 Datasheet
77Kb / 3P
   PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012O CDIL-CSA1012O Datasheet
77Kb / 3P
   PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012Y CDIL-CSA1012Y Datasheet
77Kb / 3P
   PNP, NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSA1012Y RECTRON-CSA1012Y Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSA1015 CDIL-CSA1015 Datasheet
88Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
More results

Similar Description - CSA1013

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
   PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020 CDIL-CIL1020 Datasheet
229Kb / 2P
   PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CVG639 CDIL-CVG639 Datasheet
179Kb / 3P
   NPN/PNP COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CIL1020Y CDIL-CIL1020Y Datasheet
90Kb / 2P
   PNP COMPLEMENTARY PLANAR SILICON TRANSISTORS
CL100S CDIL-CL100S Datasheet
226Kb / 2P
   NPN/PNP SILICON PLANAR TRANSISTORS
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com