Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4564441 Datasheet(PDF) 3 Page - Elpida Memory

Part # UPD4564441
Description  64M-bit Synchronous DRAM 4-bank, LVTTL
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

UPD4564441 Datasheet(HTML) 3 Page - Elpida Memory

  UPD4564441 Datasheet HTML 1Page - Elpida Memory UPD4564441 Datasheet HTML 2Page - Elpida Memory UPD4564441 Datasheet HTML 3Page - Elpida Memory UPD4564441 Datasheet HTML 4Page - Elpida Memory UPD4564441 Datasheet HTML 5Page - Elpida Memory UPD4564441 Datasheet HTML 6Page - Elpida Memory UPD4564441 Datasheet HTML 7Page - Elpida Memory UPD4564441 Datasheet HTML 8Page - Elpida Memory UPD4564441 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
Data Sheet E0149N10
3
µµµµPD4564441, 4564841, 4564163
Part Number
µPD4564841G5 - A80
Interface
1 : LVTTL
Number of banks
4 : 4 banks
Organization
4 : x4
8 : x8
Memory density
64 : 64M bits
Synchronous DRAM
NEC Memory
Package
G5 : TSOP (II)
Low voltage
A : 3.3
± 0.3 V
Minimum cycle time
80 : 8 ns (125 MHz)
10 : 10 ns (100 MHz)
10B : 10 ns (100 MHz)
[ x4, x8 ]
163
[ x16 ]
Number of banks
and Interface
3 : 4 banks, LVTTL
Organization
16 : x16


Similar Part No. - UPD4564441

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A10-9JH NEC-UPD4564323G5-A10-9JH Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A10B-9JH NEC-UPD4564323G5-A10B-9JH Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A60-9JH NEC-UPD4564323G5-A60-9JH Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A70-9JH NEC-UPD4564323G5-A70-9JH Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results

Similar Description - UPD4564441

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
logo
Elpida Memory
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com