Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVN013S-T Datasheet(PDF) 1 Page - International Rectifier

Part # PVN013S-T
Description  HEXFET POWER MOSFET PHOTOVOLTAIC RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVN013S-T Datasheet(HTML) 1 Page - International Rectifier

  PVN013S-T Datasheet HTML 1Page - International Rectifier PVN013S-T Datasheet HTML 2Page - International Rectifier PVN013S-T Datasheet HTML 3Page - International Rectifier PVN013S-T Datasheet HTML 4Page - International Rectifier PVN013S-T Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 10059 revD
Series PVN013
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
General Description
The PVN013 Series Photovoltaic Relay at 100
milliohms features the lowest possible on-state
resistance in a miniature package — lower than a
comparable reed relay.
The PVN013 is a single-pole, normally open solid-
state relay. It utilizes a GenerationV HEXFET output
switch, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch
is controlled by radiation from a GaAlAs light emit-
ting diode (LED) which is optically isolated from
the photovoltaic generator.
These units exceed the performance capabilities
of electromechanical relays in life, sensitivity, stable
on-resistance, low off-state leakage, miniaturiza-
tion, magnetic insensitivity and ruggedness. They
are ideally suited for switching high currents or low
level signals without distortion or injection of elec-
trical noise.
Series PVN013 Relays are packaged in a
6-lead molded DIP package with either thru-hole
or surface mount (gull-wing) terminals. They are
available in standard plastic shipping tubes or on
tape-and-reel. Please refer to part identification in-
formation opposite.
Applications
! Portable Electronics
! Industrial Control
! Computers and Peripheral Devices
! Audio Equipment
! Power Supplies and Power Distribution
! Instrumentation
Part Identification
PVN013
thru-hole
PVN013S
surface-mount
PVN013S-T
surface-mount, tape and reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Features
! 100m
Ω On-Resistance
! Extremely low off-state leakage
! Bounce-free operation
! 2.5 - 4.5 Amp capacity
! Linear AC/DC operation
! 4,000 V
RMS I/O isolation
! Solid-State reliability
! UL recognized
! ESD Tolerance:
4000V Human Body Model
500V Machine Model
www.irf.com
1


Similar Part No. - PVN013S-T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN013S-TPBF IRF-PVN013S-TPBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
More results

Similar Description - PVN013S-T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NS IRF-PVAZ172NS Datasheet
602Kb / 5P
   HEXFET Power MOSFET Photovoltaic Relay
65336 IRF-65336 Datasheet
254Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
   Power MOSFET Photovoltaic Relay
PVT322A IRF-PVT322A_08 Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVN012APBF IRF-PVN012APBF_07 Datasheet
298Kb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LS-T IRF-PVT312LS-T Datasheet
118Kb / 5P
   Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVT312PBF IRF-PVT312PBF Datasheet
1Mb / 5P
   HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com