Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3257C Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT3257C
Description  4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3257C Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74CBT3257C Datasheet HTML 3Page - Texas Instruments SN74CBT3257C Datasheet HTML 4Page - Texas Instruments SN74CBT3257C Datasheet HTML 5Page - Texas Instruments SN74CBT3257C Datasheet HTML 6Page - Texas Instruments SN74CBT3257C Datasheet HTML 7Page - Texas Instruments SN74CBT3257C Datasheet HTML 8Page - Texas Instruments SN74CBT3257C Datasheet HTML 9Page - Texas Instruments SN74CBT3257C Datasheet HTML 10Page - Texas Instruments SN74CBT3257C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN74CBT3257C
4BIT 1OF2 FET MULTIPLEXER/DEMULTIPLEXER
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS137 − OCTOBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
CL
(see Note A)
TEST CIRCUIT
S1
7 V
Open
GND
RL
RL
tPLH
tPHL
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOH
VOL
0 V
VOL + V∆
VOH − V∆
0 V
Output
Control
(VIN)
3 V
3.5 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (tpd(s))
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd(s). The tpd propagation delay is the calculated RC time constant of the typical ON-state
resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
H. All parameters and waveforms are not applicable to all devices.
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
50
VG1
VCC
DUT
50
VIN
50
VG2
50
VI
TEST
RL
S1
V∆
CL
5 V
± 0.5 V
4 V
VCC
VI
tPHZ/tPZH
tPLZ/tPZL
tpd(s)
5 V
± 0.5 V
4 V
5 V
± 0.5 V
4 V
Open
Open
7 V
7 V
Open
Open
500
500
500
500
500
500
VCC or GND
VCC or GND
GND
GND
VCC
VCC
50 pF
50 pF
50 pF
50 pF
50 pF
50 pF
0.3 V
0.3 V
0.3 V
0.3 V
Output
Control
(VIN)
Input Generator
Input Generator
VO
Figure 3. Test Circuit and Voltage Waveforms


Similar Part No. - SN74CBT3257C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3257CD TI-SN74CBT3257CD Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257CD TI-SN74CBT3257CD Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3257CDBQR TI-SN74CBT3257CDBQR Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results

Similar Description - SN74CBT3257C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C Datasheet
235Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C_08 Datasheet
357Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI1-SN74CBT3253C_15 Datasheet
906Kb / 22P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C_07 Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI-SN74CBT3253C Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com