Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1382D-167BGXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1382D-167BGXC
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382D-167BGXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1382D-167BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1382D-167BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1382D-167BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1382D-167BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1382D-167BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1382D-167BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1382D-167BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1382D-167BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1382D-167BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
PRELIMINARY
CY7C1380D
CY7C1382D
Document #: 38-05543 Rev. *A
Page 5 of 29
Pin Configurations (continued)
165-ball fBGA
CY7C1380D (512K x 36)
2
3
4
567
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC / 288M
NC
DQPC
DQC
DQPD
NC
DQD
CE1
BWB
CE3
BWC
BWE
A
CE2
DQC
DQD
DQD
MODE
NC
DQC
DQC
DQD
DQD
DQD
NC / 36M
NC / 72M
VDDQ
BWD
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
A
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
VSS
TDI
A
A
DQC
VSS
DQC
VSS
DQC
DQC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQD
DQD
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
NC
OE
ADSP
A
NC / 144M
VSS
VDDQ
NC
DQPB
VDDQ
VDD
DQB
DQB
DQB
NC
DQB
NC
DQA
DQA
VDD
VDDQ
VDD
VDDQ
DQB
VDD
NC
VDD
DQA
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQA
VDDQ
A
A
VSS
A
A
A
DQB
DQB
DQB
ZZ
DQA
DQA
DQPA
DQA
A
VDDQ
A
CY7C1382D (1M x 18)
A0
A
VSS
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC / 288M
NC
NC
NC
DQPB
NC
DQB
A
CE1
NC
CE3
BWB
BWE
A
CE2
NC
DQB
DQB
MODE
NC
DQB
DQB
NC
NC
NC
NC / 36M
NC / 72M
VDDQ
NC
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
A
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQB
VSS
NC
VSS
DQB
NC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQB
NC
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
A
OE
ADSP
A
NC / 144M
VSS
VDDQ
NC
DQPA
VDDQ
VDD
NC
DQA
DQA
NC
NC
NC
DQA
NC
VDD
VDDQ
VDD
VDDQ
DQA
VDD
NC
VDD
NC
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
A
A
A
DQA
NC
NC
ZZ
DQA
NC
NC
DQA
A
VDDQ
A


Similar Part No. - CY7C1382D-167BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382D-167BZC CYPRESS-CY7C1382D-167BZC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382D-167BZI CYPRESS-CY7C1382D-167BZI Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382D-167BZXC CYPRESS-CY7C1382D-167BZXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382D-167BZXI CYPRESS-CY7C1382D-167BZXI Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1382D-167BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com