Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDX-2102 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DDX-2102
Description  All-Digital High Efficiency Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DDX-2102 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DDX-2102 Datasheet HTML 1Page - List of Unclassifed Manufacturers DDX-2102 Datasheet HTML 2Page - List of Unclassifed Manufacturers DDX-2102 Datasheet HTML 3Page - List of Unclassifed Manufacturers DDX-2102 Datasheet HTML 4Page - List of Unclassifed Manufacturers DDX-2102 Datasheet HTML 5Page - List of Unclassifed Manufacturers DDX-2102 Datasheet HTML 6Page - List of Unclassifed Manufacturers DDX-2102 Datasheet HTML 7Page - List of Unclassifed Manufacturers DDX-2102 Datasheet HTML 8Page - List of Unclassifed Manufacturers DDX-2102 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DDX-2102
Specifications are subject to change without notice.
129 Morgan Drive, Norwood, MA 02062
voice: (781) 551-9450
fax: (781) 440-9528
email: apogee@apogeeddx.com
CONTROLLED DOCUMENT: P_903-000055_Rev08 DDX-2102 Data Sheet.doc
DRN: PRELIMINARY Page 3 of 17
1.4 Electrical Characteristics (continued) [Refer to circuit in Figure 19] Unless otherwise specified, performance
is measured using the DDX-8001/DDX-8229 processor family, VCC =32V, VL=3.3V, fsw=384kHz, TC=25°C, RL=8Ω.
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Po = 1 Wrms
0.09
THD+N
Total Harmonic Distortion + Noise,
[Note 5]
Po = 50 Wrms
0.13
%
Signal to Noise Ratio,
DDX
® Mode
100
SNR
Signal to Noise Ratio,
Binary Half-Bridge Mode, [Note 5]
A-Weighted relative to full-
scale
92
dB
Peak Efficiency, DDX
® Mode
Po=2 x 50 W, 10% THD,
8
90
η
Peak Efficiency,
Binary Half-Bridge Mode
Po=4 x 25 W, 10% THD,
4
87
%
ISC
Speaker Output Short-Circuit
Protection Limit per Bridge [Note 6]
3.5
6
8
A
Rds-on
Power MOSFET output resistance
Id=1A
200
270
m
gN
Power Nchannel Rds-on matching
Id = 1A
95
%
gP
Power Pchannel Rds-on matching
Id = 1A
95
%
Idss
Power Pchannel/Nchannel leakage
VCC = 35 V
50
uA
UVL
Under-voltage Lockout Threshold
7
9
V
IPD
VCC supply current, Power-down
PWRDN = 0
1
3
mA
ICC-tri
VCC supply current, Tri-state
TRISTATE = 0
22
mA
DDX
® mode VCC supply current
2-Channel switching at
384kHz.
86
ICC
Binary mode VCC supply current
4-Channel switching at
384kHz.
103
mA
ton
Turn-on delay time
Resistive load
100
ns
toff
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load
25
ns
tf
Fall Time
Resistive load
25
ns
Low logic input voltage:
PWRDN, TRISTATE pins
VL = 2.7V
VL = 3.3V
VL = 5.0V
0.7
0.8
0.85
VIL
Low logic input voltage:
INLA, INLB, INRA, INRB pins
VL = 2.7V
VL = 3.3V
VL = 5.0V
1.05
1.35
2.2
V
High logic input voltage:
PWRDN, TRISTATE pins
VL = 2.7V
VL = 3.3V
VL = 5.0V
1.5
1.7
1.85
VIH
High logic input voltage:
INLA, INLB, INRA, INRB pins
VL = 2.7V
VL = 3.3V
VL = 5.0V
1.65
1.95
2.8
V
Ifault
Output Sink Current, FAULT,
TWARN pins
Fault Active
1
mA
PWmin
Minimum output pulse width
No load
70
150
ns
Note 5 – Performance Characteristics obtained using a DDX-8001/DDX-8229 controller.
Note 6 – If used in single BTL (Mono Mode) configuration, the device may not be short-circuit protected.


Similar Part No. - DDX-2102

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDX-CRS-I1 DOMINANT-DDX-CRS-I1 Datasheet
940Kb / 12P
   High brightness surface mount LED
DDX-DJE DOMINANT-DDX-DJE Datasheet
1Mb / 12P
   High brightness surface mount LED using thin film technology
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDX-DRX DOMINANT-DDX-DRX Datasheet
827Kb / 13P
   High brightness surface mount LED
DDX-DZJS DOMINANT-DDX-DZJS Datasheet
1,000Kb / 13P
   High brightness surface mount LED
More results

Similar Description - DDX-2102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB-2100 ETC1-EB-2100 Datasheet
578Kb / 11P
   DDX All-Digital, High Efficiency Evaluation Amplifier
logo
STMicroelectronics
TDA7571 STMICROELECTRONICS-TDA7571 Datasheet
394Kb / 21P
   STPDACsw - Fully digital high efficiency power audio amplifier
logo
Skyworks Solutions Inc.
SKY77448 SKYWORKS-SKY77448 Datasheet
78Kb / 2P
   High efficiency at all power levels
logo
RF Micro Devices
RF2119 RFMD-RF2119 Datasheet
82Kb / 8P
   HIGH EFFICIENCY 2V POWER AMPLIFIER
logo
STMicroelectronics
TDA7808 STMICROELECTRONICS-TDA7808 Datasheet
777Kb / 39P
   High efficiency digital input automotive quad power amplifier, start stop compatible
January 2019 Rev 4
logo
Guerrilla RF, Inc.
GRF5529 GUERRILLA-GRF5529 Datasheet
1Mb / 16P
   HIGH EFFICIENCY POWER AMPLIFIER 2.95 GHz
January 23, 2023
logo
Mean Well Enterprises C...
SHP-10K-HV MEANWELL-SHP-10K-HV Datasheet
548Kb / 15P
   10KW 3ψ3W High Efficiency Digital Power Supply
2023-01-31
logo
RF Micro Devices
TA0012 RFMD-TA0012 Datasheet
76Kb / 4P
   New High Power, High Efficiency HBT GSM Power Amplifier
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com