Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M54R08J-12 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M54R08J-12
Description  4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M54R08J-12 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M54R08J-12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M54R08J-12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M54R08J-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M54R08J-12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M54R08J-12 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M54R08J-12 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M5M54R08J-12,-15
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
MITSUBISHI LSIs
4
(2)READ CYCLE
Output disable time after W low
Parameter
Read cycle time
Address access time
Chip select access time
Output enable access time
Output disable time after S high
Output disable time after OE high
Output enable time after S low
Output enable time after OE low
Data valid time after address change
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
M5M54R08J -12
Limits
Max
Min
12
12
6
6
6
12
0
3
0
M5M54R08J -15
Max
Min
15
15
8
7
7
15
0
3
0
Power-up time after chip selection
Power-down time after chip selection
0
12
0
15
ns
ns
00
0
0
(3)WRITE CYCLE
Parameter
Write cycle time
Write pulse width
Address setup time(W)
Address to W High
Chip select setup time
Data setup time
Data hold time
Write recovery time
Output disable time after OE high
Output enable time after W high
Output enable time after OE low
10
0
10
12
6
6
0
0
Unit
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
Max
Min
Max
Min
6
0
1
12
0
0
12
15
7
7
0
0
7
0
1
ns
ns
ns
10
ns
12
0
0
00
Address setup time(S)
0
M5M54R08J -12
M5M54R08J -15
tdis(S)
tdis(OE)
ten(S)
ten (OE)
tCR
ta(A)
ta(OE)
ta(S)
tv(A)
Symbol
tPU
tPD
t
CW
tw(W)
tsu(A-WH)
tsu(A)1
th(D)
tsu(D)
tsu(S)
trec
tdis(W)
ten (W)
(OE)
ten
tdis (OE)
Symbol
(W)
tsu(A)2


Similar Part No. - M5M54R08J-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R08AJ-10 MITSUBISHI-M5M54R08AJ-10 Datasheet
45Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R08AJ-12 MITSUBISHI-M5M54R08AJ-12 Datasheet
45Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R08AJ-15 MITSUBISHI-M5M54R08AJ-15 Datasheet
45Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M54R08J-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V408BFP-85L MITSUBISHI-M5M5V408BFP-85L Datasheet
171Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5408BFP RENESAS-M5M5408BFP Datasheet
143Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5408BFP MITSUBISHI-M5M5408BFP Datasheet
56Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R08AJ-10 MITSUBISHI-M5M54R08AJ-10 Datasheet
45Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com