Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1350G Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1350G
Description  4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350G Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1350G Datasheet HTML 1Page - Cypress Semiconductor CY7C1350G Datasheet HTML 2Page - Cypress Semiconductor CY7C1350G Datasheet HTML 3Page - Cypress Semiconductor CY7C1350G Datasheet HTML 4Page - Cypress Semiconductor CY7C1350G Datasheet HTML 5Page - Cypress Semiconductor CY7C1350G Datasheet HTML 6Page - Cypress Semiconductor CY7C1350G Datasheet HTML 7Page - Cypress Semiconductor CY7C1350G Datasheet HTML 8Page - Cypress Semiconductor CY7C1350G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PRELIMINARY
CY7C1350G
Document #: 38-05524 Rev. *A
Page 5 of 15
DQP[A:D]. In addition, the address for the subsequent access
(Read/Write/Deselect) is latched into the Address Register
(provided the appropriate control signals are asserted).
On the next clock rise the data presented to DQs and DQP[A:D]
(or a subset for Byte Write operations, see Write Cycle
Description table for details) inputs is latched into the device
and the write is complete.
The data written during the Write operation is controlled by
BW[A:D] signals. The CY7C1350G provides byte write
capability that is described in the Write Cycle Description table.
Asserting the Write Enable input (WE) with the selected Byte
Write Select (BW[A:D]) input will selectively write to only the
desired bytes. Bytes not selected during a Byte Write
operation will remain unaltered. A synchronous self-timed
write mechanism has been provided to simplify the write
operations. Byte write capability has been included in order to
greatly simplify Read/Modify/Write sequences, which can be
reduced to simple byte write operations.
Because the CY7C1350G is a common I/O device, data
should not be driven into the device while the outputs are
active. The Output Enable (OE) can be deasserted HIGH
before presenting data to the DQs and DQP[A:D] inputs. Doing
so will tri-state the output drivers. As a safety precaution, DQs
and DQP[A:D] are automatically tri-stated during the data
portion of a write cycle, regardless of the state of OE.
Burst Write Accesses
The CY7C1350G has an on-chip burst counter that allows the
user the ability to supply a single address and conduct up to
four Write operations without reasserting the address inputs.
ADV/LD must be driven LOW in order to load the initial
address, as described in the Single Write Access section
above. When ADV/LD is driven HIGH on the subsequent clock
rise, the chip enables (CE1, CE2, and CE3) and WE inputs are
ignored and the burst counter is incremented. The correct
BW[A:D] inputs must be driven in each cycle of the burst write
in order to write the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, and CE3, must remain inactive
for the duration of tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First Address
A1, A0
Second
Address
A1, A0
Third
Address
A1, A0
Fourth
Address
A1, A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First Address
A1, A0
Second
Address
A1, A0
Third
Address
A1, A0
Fourth
Address
A1, A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
Truth Table [2, 3, 4, 5, 6, 7, 8]
Operation
Address Used
CE
ZZ
ADV/LD
WE BWx OE CEN CLK
DQ
Deselect Cycle
None
H
L
L
X
X
X
L
L-H
tri-state
Continue Deselect Cycle
None
X
L
H
X
X
X
L
L-H
tri-state
Read Cycle (Begin Burst)
External
L
L
L
H
X
L
L
L-H
Data Out (Q)
Read Cycle (Continue Burst)
Next
X
L
H
X
X
L
L
L-H
Data Out (Q)
NOP/Dummy Read (Begin Burst)
External
L
L
L
H
X
H
L
L-H
tri-state
Dummy Read (Continue Burst)
Next
X
L
H
X
X
H
L
L-H
tri-state
Write Cycle (Begin Burst)
External
L
L
L
L
L
X
L
L-H
Data In (D)
Write Cycle (Continue Burst)
Next
X
L
H
X
L
X
L
L-H
Data In (D)
NOP/WRITE ABORT (Begin Burst) None
L
L
L
L
H
X
L
L-H
tri-state
WRITE ABORT (Continue Burst)
Next
X
L
H
X
H
X
L
L-H
tri-state
IGNORE CLOCK EDGE (Stall)
Current
X
L
X
X
X
X
H
L-H
SNOOZE MODE
None
X
H
X
X
X
X
X
X
tri-state
Notes:
2. X =”Don't Care.” H = Logic HIGH, L = Logic LOW. CE stands for ALL Chip Enables active. BWx = L signifies at least one Byte Write Select is active, BWx = Valid
signifies that the desired byte write selects are asserted, see Write Cycle Description table for details.
3. Write is defined by BWX, and WE. See Write Cycle Descriptions table.
4. When a write cycle is detected, all DQs are tri-stated, even during byte writes.
5. The DQ and DQP pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
6. CEN = H, inserts wait states.
7. Device will power-up deselected and the DQs in a tri-state condition, regardless of OE.
8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQP[A:D] = tri-state when
OE is inactive or when the device is deselected, and DQs and DQP[A:D] = data when OE is active.


Similar Part No. - CY7C1350G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-100AXC CYPRESS-CY7C1350G-100AXC Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-100AXI CYPRESS-CY7C1350G-100AXI Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-100BGC CYPRESS-CY7C1350G-100BGC Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-100BGI CYPRESS-CY7C1350G-100BGI Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1350G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
   4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com