Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1350G-250AXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1350G-250AXC
Description  4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350G-250AXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1350G-250AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1350G-250AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1350G-250AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1350G-250AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1350G-250AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1350G-250AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1350G-250AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1350G-250AXC Datasheet HTML 14Page - Cypress Semiconductor CY7C1350G-250AXC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PRELIMINARY
CY7C1350G
Document #: 38-05524 Rev. *A
Page 11 of 15
NOP, STALL, and DESELECT Cycles[19, 20, 22]
ZZ Mode Timing[23, 24]
Notes:
22. The IGNORE CLOCK EDGE or STALL cycle (Clock 3) illustrates CEN being used to create a pause. A write is not performed during this cycle.
23. Device must be deselected when entering ZZ mode. See cycle description table for all possible signal conditions to deselect the device.
24. DQs are in high-Z when exiting ZZ sleep mode.
Switching Waveforms (continued)
READ
Q(A3)
456
789
10
CLK
CE
WE
CEN
BW[A:D]
ADV/LD
ADDRESS
A3
A4
A5
D(A4)
Data
In-Out (DQ)
A1
Q(A5)
WRITE
D(A4)
STALL
WRITE
D(A1)
123
READ
Q(A2)
STALL
NOP
READ
Q(A5)
DESELECT
CONTINUE
DESELECT
DON’T CARE
UNDEFINED
tCHZ
A2
D(A1)
Q(A2)
Q(A3)
t
ZZ
I
SUPPLY
CLK
ZZ
t
ZZREC
ALL INPUTS
(except ZZ)
DON’T CARE
I
DDZZ
t
ZZI
t
RZZI
Outputs (Q)
High-Z
DESELECT or READ Only


Similar Part No. - CY7C1350G-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G-250AXC CYPRESS-CY7C1350G-250AXC Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1350G-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
   4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com