Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH150S48-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PH150S48-5
Description  Simple function, 50 to 600W DC-DC converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PH150S48-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PH150S48-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers PH150S48-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PH-S Series
3055 Del Sol Blvd • San Diego, CA 92154 • 1-800-LAMBDA-4
High density
Smaller package size
Low component count
High reliability Demonstrated 5 million hours MTBF
Fixed operating frequency
Easier system filtering
Variety of input voltages
Systems can operate from different input voltages
Feature
Benefit
Telecom
Custom Power Supplies
Point of Load
High Density
Wide Range Input
Output adjustment Capability
Remote On/Off
Fixed Switching Frequency
International Safety Approvals
Key Market Segments & Applications
PH Features and Benefits
Simple function, 50 to 600W DC-DC converters
3.3V
5V
12V
15V
24V
28V
48V
ITEMS
Input range
VDC
24V nom: 18-36, 48V nom: 36-76V, 110V nom: 82-185V, 280V nom: 200-400V
Output Voltage Adj. Range
VDC
2.97~3.63 4.5~5.5 10.8~13.2 13.5~16.5
21.6~26.4 25.2~30.8 43.2~52.8
Line Regulation
0.4% or 20mV (whichever is greater) over entire input range with constant load
Load Regulation
0.8% or 40mV (whichever is greater) from no load to full load with constant input line
Ripple and Noise
pk-pk
100mV
150mV
240mV
280mV
480mV
Series Operation
-
Possible - Refer to installation manual
Over Voltage Protection
-
150 - 180%
125 - 145%
Overload Protection
-
Approximately 105 - 140%, automatic recovery
Remote On/Off
-
Low = ON, Open = OFF
Remote Sensing
-
PH100S, PH150S, PH300S, PH600S models
Parallel operation
-
PH300S & PH600S only: Requires external circuitry
Inverter Good signal
-
PH300S & PH600S only: Signal available for status of inverter
Thermal Protection
-
Internal sensing, self resetting
Cooling
-
Conduction or forced air. See application notes for cooling and heatsink selection
Operating Temperature Range
-
Baseplate temperature -20°C to +85°C (100°C on PH300 & PH600).
-
-40°C start up possible with 30 minute warm up period
Storage Temperature
-
-40°C to +85°C (+100°C on PH300 & PH600)
Temperature Coefficient
-
0.02%/°C
Isolation
-
Input to output: 3000VAC, Input to Baseplate: 2500VAC(1)
Isolation Resistance
-
Output to Baseplate -100MOhm at 500VDC and 70%RH
Safety Agency Approval
-
UL1950, CSA234, EN60950 and CE Mark.
Warranty
-
Two years
Specifications
Note: See Installation Manual for full details, test methods of parameters and application notes
(1) PH300S48 models: Input to output 1.5kVAC, input to baseplate 1.5kVAC


Similar Part No. - PH150S48-5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH150S48-5 TDK-PH150S48-5 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
More results

Similar Description - PH150S48-5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH150S48-24 TDK-PH150S48-24 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
Vicor Corporation
COMPAC VICOR-COMPAC Datasheet
204Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
   50 to 600W Autoranging AC-DC Switchers
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com