Electronic Components Datasheet Search |
|
SAFU947.5A70TTC00 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd. |
|
SAFU947.5A70TTC00 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd. |
4 / 5 page Center I.L. Bandwidth Attenuation Ripple Max. Input/Output Pkg. Tape Type Part Number Function Freq. (dB) (MHz) (dB) (dB) VSWR GDT Impedance Style Code ‡ (MHz) max.* max. ( s) 887 to 925 4.5 TC00, SAFC906ML90T RF (TX) 906 4.5 832 to 870 30 2.8 2.8 — 50 ohm // 0pF SC33 TC05, JAPAN 2661 to 2775 20 TC11, TC12 CDMA 832 to 870 4.5 TC00, SAFC851ML90T RF (RX) 851 4.5 887 to 925 22 3.0 2.8 — 50 ohm // 0pF SC33 TC05, 1000 to 2000 20 TC11, TC12 1750 to 1780 3.5 TC00, SAFC1765MF90T RF (TX) 1765 3.5 1840 to 1870 30 2.0 2.4 — 50 ohm // 0pF SC33 TC05, KOREA 3500 to 3560 25 TC11, TC12 PCS 1840 to 1870 3.5 TC00, SAFC1855MF90T RF (RX) 1885 3.5 1750 to 1780 23 2.0 2.4 — 50 ohm // 0pF SC33 TC05, 2300 to 4000 20 TC11, TC12 SAFC886ME70T RF 886.0 3.5 884 to 888 3.5 max. 1.5 N/S N/S 50 ohm // 10nH SC44 TC, TC04, 840 to 846 40 min. TC11 SAFC931ME70T RF 931.0 3.5 929 to 933 3.5 max. 1.5 N/S N/S 50 ohm // 10nH SC44 TC, TC04, 884 to 891 40 min. TC11 CT-1 913 to 915 3.5 max. TC, SAFC914ME70T RF 914.0 3.5 891 to 894 30 min. 1.5 N/S N/S 50 ohm // 10nH SC44 TC04, 934 to 937 15 min. TC11 958 to 960 3.5 max. TC, SAFC959ME70T RF 959.0 3.5 936 to 939 30 min. 1.5 N/S N/S 50 ohm // 10nH SC44 TC04, 979 to 982 20 min. TC11 1574 to 1577 2.8 SC33 TC00, SAFC139MC70N RF (RX) 1575.5 2.8 1382 to 1397 35 1.3 3.0 N/S 50 ohm // 0pF low TC05, 1478 to 1487 25 profile TC12 90 ± 1MHz 3.0 TC, SAFC146MC70N IF 90 6.5 84 to 85 25 2.0 — 0.5 365 ohm // –0.7pF SC59 TC04, 95 to 96 25 TC11 RF (TX) 940 to 960 45 SAFC154MC70N 950 4 810 to 830 45 2 N/S 2.5 50 ohm // 0pF SC33 TC12 800 1050 to 2000 35 940 to 960 3.5 TC00, SAFC162MC70N RF (TX) 950 3.5 810 to 830 48 1.5 2.5 — 50 ohm // 0pF SC33 TC05, PAGER 1050 to 2000 35 TC11, TC12 810 to 830 2.5 SAFC171MC70N RF (RX) 820 2.5 940 to 960 32 1.5 N/S 2.5 50 ohm // 0pF SC33 TC12 800 1100 to 2000 22 275 to 285 4.5 max. TC, TC04 SAFC280ME70N RF 280.0 4.5 180 to 242.5 48 min. 2.0 N/S N/S 230 ohm // –.2pF SC44 TC11 317.5 to 380 40 min. 276 to 286 4.5 max. TC, TC04 SAFC281ME70N RF 281.0 4.5 181 to 243.5 48 min. 2.0 N/S N/S 230 ohm // –.2pF SC44 TC11 318.5 to 381 40 min. 280 to 288 4.5 max. TC, TC04 SAFC284ME75N RF 284.0 4.5 184 to 246.5 48 min. 2.0 N/S N/S 230 ohm // –.2pF SC44 TC11 321.5 to 384 40 min. 928.8 to 932.2 4.5 max. TC, TC04 SAFC930.5ME70T RF 930.5 4.5 884.8 to 890.2 45 min. 2.0 N/S N/S 50 ohm // 10nH SC44 TC11 906.8 to 911.2 30 min. N/S: Not Specified. ‡Tape codes and package quantities defined at the end of the SAW section of this catalog. *IL for IF filters is guaranteed at center frequency relative to 0dB reference. I.L. for RF filters is guaranted across the pass band relative to 0dB reference level. **Attenuation for IF filters is relative to center frequency loss. Attenuation for RF filters is relative to 0dB reference level. CG01-I 353 CERAMIC MICROWAVE FILTERS SAW FILTERS SPECIFICATIONS SAF Series |
Similar Part No. - SAFU947.5A70TTC00 |
|
Similar Description - SAFU947.5A70TTC00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |