Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1350G-250BGC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1350G-250BGC
Description  4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350G-250BGC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1350G-250BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1350G-250BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1350G-250BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1350G-250BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1350G-250BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1350G-250BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1350G-250BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1350G-250BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1350G-250BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PRELIMINARY
CY7C1350G
Document #: 38-05524 Rev. *A
Page 2 of 15
Selection Guide
250 MHz
225 MHz
200 MHz
166 MHz
133 MHz
100 MHz
Unit
Maximum Access Time
2.6
2.6
2.8
3.5
4.0
4.5
ns
Maximum Operating Current
325
290
265
240
225
205
mA
Maximum CMOS Standby Current
40
40
40
40
40
40
mA
Shaded area contains advance information. Please contact your local Cypress sales representative for availability of these parts.
Pin Configuration
DQPB
DQB
DQB
VDDQ
VSS
DQB
DQB
DQB
DQB
VSS
VDDQ
DQB
DQB
VSS
NC
VDD
DQA
DQA
VDDQ
VSS
DQA
DQA
DQA
DQA
VSS
VDDQ
DQA
DQA
DQPA
DQPC
DQC
DQC
VDDQ
VSS
DQC
DQC
DQC
DQC
VSS
VDDQ
DQC
DQC
NC
VDD
NC
VSS
DQD
DQD
VDDQ
VSS
DQD
DQD
DQD
DQD
VSS
VDDQ
DQD
DQD
DQPD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1350G
100-Pin TQFP
BYTE B
BYTE A
BYTE C
BYTE D


Similar Part No. - CY7C1350G-250BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G-250BGC CYPRESS-CY7C1350G-250BGC Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1350G-250BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
   4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com