Electronic Components Datasheet Search |
|
VC-710-DFF-GFA-200.000 Datasheet(PDF) 5 Page - Vectron International, Inc |
|
VC-710-DFF-GFA-200.000 Datasheet(HTML) 5 Page - Vectron International, Inc |
5 / 6 page VC-710 Voltage Controlled Crystal Oscillator Vectron International, 267 Lowell Rd, Hudson NH 03051-4916 Tel: 1-88-VECTRON-1 Website: www.vectron.com Page 5 of 6 Rev: Jan 17 2005 Absolute Maximum Ratings Parameter Symbol Ratings Unit Power Supply VCC 0 to 6 V Voltage Control Range VC 0 to VCC V Storage Temperature TS -55 to 125 °C Soldering Temp/Time TLS 240/10 °C/sec Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Reliability The VC-710 family is capable of meeting the following qualification tests: Environmental Compliance Parameter Conditions Mechanical Shock MIL-STD-883, Method 2002 Mechanical Vibration MIL-STD-883, Method 2007 Solderability MIL-STD-883, Method 2003 Gross and Fine Leak MIL-STD-883, Method 1014 Resistance to Solvents MIL-STD-883, Method 2015 Handling Precautions Although ESD protection circuitry has been designed into the VC-710 proper precautions should be taken when handling and mounting. VI employs a human body model and a charged-device model (CDM) for ESD susceptibility testing and design protection evaluation. ESD Ratings Model Minimum Conditions Human Body Model 500 MIL-STD 883, Method 3015 Charged Device Model 500 JESD 22-C101 Recommended Solder Reflow Profile VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR reflow simulation. The conditions a device can withstand are well understood and devices can be subjected to the profile above. This profile shows a ramp up condition to prevent thermal shock, a preheat period in which the flux is activated, a ramp up to 183 °C which is the reflow temperature of Sn/Pb eutectic, and a gradual cool down. The time above 183 °C should not exceed 60 seconds and the peak temperature should be no more than 220°C for 10 seconds. The VC-710’s are hermetically sealed so an aqueous wash is not an issue. |
Similar Part No. - VC-710-DFF-GFA-200.000 |
|
Similar Description - VC-710-DFF-GFA-200.000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |