Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1001 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1001
Description  Integrated Off-Line Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1001 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1001 Datasheet HTML 3Page - ON Semiconductor NCP1001 Datasheet HTML 4Page - ON Semiconductor NCP1001 Datasheet HTML 5Page - ON Semiconductor NCP1001 Datasheet HTML 6Page - ON Semiconductor NCP1001 Datasheet HTML 7Page - ON Semiconductor NCP1001 Datasheet HTML 8Page - ON Semiconductor NCP1001 Datasheet HTML 9Page - ON Semiconductor NCP1001 Datasheet HTML 10Page - ON Semiconductor NCP1001 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1000, NCP1001, NCP1002
http://onsemi.com
7
−40
75
50
0
100
−25
125
25
8.0
4.0
10.0
6.0
2.0
14.0
1.080
1.060
1.040
Power Switch Circuit Current (A)
Figure 14. Maximum Duty Cycle Feedback
Current vs. Temperature
Figure 15. On Resistance vs. Current
1.100
01
0.5
1.5
Temperature (
°C)
1.020
1.000
0.980
0.960
NCP1000
NCP1001
NCP1002
Figure 16. Power Switch Circuit di/dt
vs.
DIpk
DIpk (mA)
0
1400
350
1200
50
1000
1600
800
600
400
0
300
250
200
150
100
200
12.0


Similar Part No. - NCP1001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1001 ONSEMI-NCP1001 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1001 ONSEMI-NCP1001 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1001P ONSEMI-NCP1001P Datasheet
126Kb / 14P
   Integrated Off?묹ine Switching Regulator
February, 2006 ??Rev. 8
NCP1001PG ONSEMI-NCP1001PG Datasheet
126Kb / 14P
   Integrated Off?묹ine Switching Regulator
February, 2006 ??Rev. 8
More results

Similar Description - NCP1001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000_06 Datasheet
126Kb / 14P
   Integrated Off?묹ine Switching Regulator
February, 2006 ??Rev. 8
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com