Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE687M33-T3-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE687M33-T3-A
Description  NECs NPN SILICON TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE687M33-T3-A Datasheet(HTML) 2 Page - California Eastern Labs

  NE687M33-T3-A Datasheet HTML 1Page - California Eastern Labs NE687M33-T3-A Datasheet HTML 2Page - California Eastern Labs NE687M33-T3-A Datasheet HTML 3Page - California Eastern Labs NE687M33-T3-A Datasheet HTML 4Page - California Eastern Labs NE687M33-T3-A Datasheet HTML 5Page - California Eastern Labs NE687M33-T3-A Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NE687M33
ELECTRICAL CHARACTERISTICS (TA=+25ºC)
Notes 1. Pulse measurement: PW ≤ 350 μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
RANK
FB
Marking
W2
hFE Value
70 to 140
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
100
nA
DC Current Gain
hFE Note 1
VCE = 1 V, IC = 10 mA
70
110
140
RF Characteristics
Gain Bandwidth Product
fT
VCE = 1 V, IC = 10 mA, f = 2 GHz
10
12
GHz
Insertion Power Gain
|S21e|2
VCE = 1 V, IC = 10 mA, f = 2 GHz
7
9
dB
Noise Figure
NF
VCE = 1 V, IC = 3 mA, f = 2 GHz,
ZS = Zopt
1.5
2.0
dB
Reverse Transfer Capacitance
Cre Note 2
VCB = 0.5 V, IC = 0 mA, f = 1 MHz
0.4
0.7
pF


Similar Part No. - NE687M33-T3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE687M33-T3 RENESAS-NE687M33-T3 Datasheet
213Kb / 9P
   NPN SILICON RF TRANSISTOR
2003
More results

Similar Description - NE687M33-T3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
NE851M03 CEL-NE851M03 Datasheet
470Kb / 10P
   NECs NPN SILICON TRANSISTOR
NE851M33 CEL-NE851M33 Datasheet
346Kb / 6P
   NECs NPN SILICON TRANSISTOR
NE681M03 CEL-NE681M03 Datasheet
142Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE685M33 CEL-NE685M33 Datasheet
359Kb / 6P
   NECs NPN SILICON TRANSISTOR
NE894M03 CEL-NE894M03 Datasheet
137Kb / 8P
   NECs NPN SILICON TRANSISTOR
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com